データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-12B-R/E

  • AI
    The **RTS-12B-R/E** is a specific model of an **Electronic Room Thermostat**, typically used for controlling heating or cooling systems (such as fan coil units or electric heaters). It is designed to maintain a set temperature by switching the electrical load on or off. --- ### 1. Key Technical Specifications The electrical components within this device are designed to handle line voltage and provide precision sensing. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC, 50/60Hz | | **Current Rating** | 10(3)A (10A Resistive / 3A Inductive) | | **Temperature Range** | 10°C to 30°C | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Sensing Element** | Gas-filled bellows or Thermistor (depending on batch) | | **Contact Material** | Silver-cadmium oxide (for durability against arcing) | --- ### 2. Internal Electronic Components #### A. The Sensing Element The "R" in the series often signifies a **Gas-filled Bellows**. * **Function:** As the room temperature rises, the gas inside the bellows expands, physically moving a diaphragm. * **Benefit:** This provides mechanical feedback and high reliability without needing complex digital processing for basic switching. #### B. The Switching Mechanism (Snap-Action) The device uses a **Snap-action Microswitch**. * This prevents "arcing" (sparks) that occur when electrical contacts move too slowly. * The **SPDT** configuration allows it to be used for both Heating (closes on temp fall) and Cooling (closes on temp rise). #### C. Heat Anticipator (Optional/Internal) Most analog thermostats of this series include a small **Resistor** known as a heat anticipator. * **Purpose:** It generates a tiny amount of internal heat when the thermostat is calling for heat. * **Result:** This "tricks" the sensor into turning off the heater slightly before the room reaches the target, preventing temperature "overshoot." --- ### 3. Wiring Terminal Breakdown The back of the unit features a terminal block for electrical integration. | Terminal | Description | Function | | :--- | :--- | :--- | | **L** | Line / Phase | Main power input (230V) | | **N** | Neutral | Power return for the internal components | | **1 (or Heat)** | Normally Closed | Connects to the heater; energized when temp is LOW | | **2 (or Cool)** | Normally Open | Connects to the AC/Fan; energized when temp is HIGH | --- ### 4. Safety and Installation Notes * **Insulation:** The housing is typically made of fire-retardant ABS plastic. * **Mounting:** It is designed for wall mounting, ideally 1.5m above the floor, away from direct sunlight or drafts. * **Load Limit:** If controlling a high-power electric heater (over 2000W), an external **Contactor/Relay** must be used to protect the internal electronic contacts from melting.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' suffixes in this model series?
    • ⤷ How do I calibrate the temperature dial if it is inaccurate?
    • ⤷ Can this thermostat be used with a 24V HVAC system?