データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-134-R

  • AI
    The **RTS-134-R** is a specific electronic component typically identified as a **Remote Temperature Sensor**. It is widely used in power electronics, specifically in conjunction with solar charge controllers and inverters to monitor battery temperature. --- ### 1. Technical Specifications Below is a breakdown of the primary electronic characteristics of the RTS-134-R: | Feature | Description | | :--- | :--- | | **Component Type** | NTC Thermistor (Negative Temperature Coefficient) | | **Resistance Value** | Typically 10kΩ at 25°C | | **Connector Type** | RJ11 (Standard phone-jack style) or 2-pin terminal | | **Cable Length** | Usually 3 meters (approx. 10 feet) | | **Operating Range** | -30°C to +80°C | | **Accuracy** | ±1°C to ±3°C | --- ### 2. Core Electronic Functions The RTS-134-R serves three primary roles in an electronic circuit: #### A. Temperature Compensation Lead-acid and Lithium batteries change their chemical behavior based on heat. The sensor allows the charger to adjust the **Charging Voltage**: * **Cold Temperatures:** The charger increases voltage to ensure the battery reaches full capacity. * **Hot Temperatures:** The charger decreases voltage to prevent outgassing, overheating, or "thermal runaway." #### B. Resistance Transformation Internally, the part contains a thermistor. As the temperature rises, the electrical resistance decreases. The connected controller measures this resistance change and converts it into a digital temperature reading using an **Analog-to-Digital Converter (ADC)**. #### C. Protection Circuitry If the sensor detects a temperature exceeding a safe threshold (e.g., above 65°C), it triggers a protective "cutoff" in the main electronic unit to stop the flow of current. --- ### 3. Wiring and Integration The sensor is designed for "plug-and-play" integration with specific brands like **Renogy**, **EPEVER**, or **Tracer** series controllers. ```python # Simplified Logic of a Controller using RTS-134-R def adjust_charging(temp_celsius): base_voltage = 14.4 if temp_celsius < 25: # Increase voltage for cold batteries compensated_voltage = base_voltage + 0.03 elif temp_celsius > 35: # Decrease voltage to prevent overheating compensated_voltage = base_voltage - 0.05 return compensated_voltage ``` --- ### 4. Component Build Materials * **Probe Head:** Usually encased in a copper or stainless steel lug for high thermal conductivity and easy mounting to battery terminals. * **Insulation:** PVC or Silicone coating to resist battery acid and environmental moisture.
    ✨ Follow-up Questions
    • ⤷How do I test if an RTS-134-R sensor is functioning correctly using a multimeter?
    • ⤷ Can I extend the cable of an RTS-134-R without affecting its accuracy?
    • ⤷ Is the RTS-134-R compatible with all brands of solar charge controllers?