データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-1CC-R

  • AI
    The **RTS-1CC-R** is a specific model of a **Latching Relay**, commonly used in industrial automation and power management systems. It is designed for energy efficiency and high reliability in switching operations. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the RTS-1CC-R: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Latching (Bistable) | | **Contact Configuration** | 1 Form C (SPDT - Single Pole Double Throw) | | **Rated Load (Resistive)** | 16A @ 250VAC / 30VDC | | **Coil Voltage** | Typically 12VDC or 24VDC (Varies by sub-model) | | **Mounting Type** | PCB Mount (Through-hole) | | **Contact Material** | AgSnO2 (Silver Tin Oxide) | --- ### 2. Core Electronic Components & Operation The "Electronic Parts" of this relay function together to facilitate switching without constant power consumption: #### A. The Latching Mechanism Unlike a standard (monostable) relay, the RTS-1CC-R uses a **permanent magnet** inside the actuator assembly. - **Operation:** When a short pulse of current is sent through the coil, the magnetic field moves the armature. - **Retention:** The permanent magnet holds the contacts in that position even after the power is removed. - **Benefit:** It generates zero heat and consumes zero power while in the "on" or "off" state. #### B. The Coil Assembly The coil is the electromagnet that initiates the state change. In the RTS-1CC-R, this is often a **Single Coil** design where the polarity of the DC pulse determines whether the relay "Sets" or "Resets." #### C. Contact System The 16A rated contacts are made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for its: * High resistance to "contact welding" during high inrush currents. * Excellent thermal conductivity. * Long mechanical life (often rated for millions of cycles). --- ### 3. Application Use Cases Due to its latching nature, this part is ideal for: 1. **Smart Lighting:** Controlling high-power lights where the relay remains "On" for hours. 2. **Battery Powered Devices:** Since power is only needed for a few milliseconds to switch, it preserves battery life. 3. **Industrial PLC Outputs:** Used as an interface between low-power logic and high-power loads. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-coil and dual-coil latching relay?
    • ⤷ How do you reverse the polarity to switch the RTS-1CC-R?
    • ⤷ What are the specific dimensions for the PCB footprint of this relay?