データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-1D4-R

  • AI
    The **RTS-1D4-R** is a specific electronic component, typically categorized as a **Terminal Block Relay Module** or an interface relay. These devices are used to bridge the gap between low-power control signals (like those from a PLC) and high-power loads. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the RTS series, here are the general technical parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay Module | | **Input Voltage (Coil)** | Usually 24V DC (common for "1D" designation) | | **Contact Configuration** | 1 Changeover (SPDT - Single Pole Double Throw) | | **Max Switching Current** | Typically 6A to 10A | | **Mounting Type** | DIN Rail (35mm) | | **Connection Type** | Screw Terminals | --- ### 2. Internal Electronic Parts The module is not just a relay; it contains several integrated electronic components to ensure safety and efficiency: * **The Relay Unit:** The core mechanical switch consisting of a coil, armature, and contacts. * **Flyback Diode (Freewheeling Diode):** Placed across the coil to protect the driving circuit (PLC/Transistor) from high-voltage spikes when the relay is turned off. * **LED Indicator:** A small light-emitting diode that provides visual feedback when the input coil is energized. * **Bridge Rectifier (Optional):** Some models include this to allow for polarity-independent DC input or AC/DC compatibility. --- ### 3. Functional Description The RTS-1D4-R serves three primary functions in an electronic system: 1. **Galvanic Isolation:** It physically separates the sensitive control electronics from the high-voltage output side, preventing damage during a fault. 2. **Signal Multiplication:** One input can control a load that requires significantly more current than the controller can provide. 3. **Replaceability:** The "R" in the suffix often indicates a **pluggable relay**. This means if the relay contacts wear out, you can pull the relay out of the terminal base and replace it without rewiring the entire block. --- ### 4. Typical Applications * **PLC Output Buffering:** Protecting PLC digital outputs from inductive loads (motors, solenoids). * **Industrial Automation:** Switching heaters, fans, or signal lamps. * **Building Management Systems (BMS):** Controlling lighting circuits via low-voltage sensors.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage and contact rating for the RTS-1D4-R?
    • ⤷ How do you replace the pluggable relay unit without disconnecting the wires?
    • ⤷ What is the difference between the RTS-1D4-R and a solid-state relay (SSR)?