データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-2BB-R

  • AI
    The **RTS-2BB-R** is a specific electronic component typically identified as a **tactile switch** or a related electromechanical part, often used in consumer electronics, automotive controls, and industrial interfaces. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Identification The part number usually refers to a sub-miniature, surface-mount (SMT) or through-hole tactile switch. These are momentary "push-to-make" switches. ### Technical Specifications (General Class) | Feature | Specification (Typical) | |:---|:---| | **Type** | Tactile Switch | | **Circuit** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Contact Rating** | 50mA @ 12VDC | | **Operating Force** | 160gf to 250gf (Gram-force) | | **Travel** | 0.25mm - 0.5mm | | **Mounting Type** | PCB (Surface Mount or Through-Hole) | --- ## 2. Key Features * **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming that the circuit has been closed. * **Compact Footprint:** Designed for high-density PCB layouts where space is limited. * **Durability:** Usually rated for 50,000 to 100,000 cycles minimum. * **RoHS Compliant:** The "-R" suffix in many electronic part numbering schemes indicates **RoHS compliance** (Lead-free). --- ## 3. Terminal Configuration Most RTS series switches utilize a 4-pin configuration for mechanical stability on the board, though they only control a single circuit. ```mermaid graph LR A[Pin 1] --- B[Pin 2] C[Pin 3] --- D[Pin 4] subgraph Internal Connection B -.->|Switch Gap| D end ``` --- ## 4. Typical Applications The RTS-2BB-R is commonly found in: 1. **Consumer Electronics:** Volume buttons, power buttons on cameras, or remote controls. 2. **Peripherals:** Computer mice, keyboards, and printers. 3. **Industrial:** Reset buttons on PLC modules or interface panels. 4. **Automotive:** Dashboard controls and key fobs.
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (footprint) of the RTS-2BB-R?
    • ⤷ Is the RTS-2BB-R available in tape and reel packaging for automated assembly?
    • ⤷ What is the recommended soldering temperature profile for this component?