データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-332-R

  • AI
    The **RTS-332-R** is a professional-grade **Reflectorless Total Station** commonly used in land surveying, construction, and engineering. Its electronic architecture is designed to integrate high-precision optical measurements with digital processing and storage. --- ### 1. Key Electronic Components and Specifications The RTS-332-R utilizes an integrated system of sensors, microprocessors, and communication modules. | Component | Technical Specification | Function | | :--- | :--- | :--- | | **EDM (Electronic Distance Meter)** | Reflectorless up to 350m / Prism up to 5000m | Measures distance using laser phase shift or pulse technology. | | **Angle Measurement System** | Absolute Encoding (2" Accuracy) | Uses photo-electric sensors to detect the rotation of the horizontal/vertical circles. | | **Microprocessor** | 32-bit Embedded CPU | Handles complex trigonometric calculations and data management. | | **Display Unit** | Dual-sided LCD with Backlight | Provides a user interface for data input and visual feedback. | | **Internal Memory** | Approx. 10,000 to 20,000 points | Stores coordinates, raw data, and measurement jobs. | | **Power System** | Rechargeable Li-Ion Battery (7.4V) | Powers the logic boards and the laser diode. | --- ### 2. Core Electronic Systems #### A. The EDM (Electronic Distance Measurement) Unit The heart of the device is the laser-based EDM. It consists of: * **Laser Diode:** Emits a modulated light beam. * **Photo-detector:** Receives the reflected light. * **Timing Circuitry:** Calculates the time of flight or phase shift to determine distance with millimeter precision. #### B. Absolute Encoder System Unlike older incremental encoders that required "indexing" (rotating the telescope to find zero), the RTS-332-R uses **Absolute Encoding**. * **Electronic Sensors:** Read a unique digital pattern on the glass circles. * **Benefit:** Provides immediate angle readings as soon as the device is switched on and retains position even if powered off. #### C. Dual-Axis Compensation The unit features an electronic tilt sensor (liquid-electric compensator). This sensor monitors the leveling of the instrument and automatically applies mathematical corrections to the horizontal and vertical angle readings. #### D. Connectivity and I/O To handle data export, the electronic board includes: * **RS-232C Port:** Standard serial communication. * **SD Card Slot / Mini-USB:** For bulk data transfer to CAD software. --- ### 3. Power Management The electronics are designed for low power consumption to ensure a full day of field operation. * **Auto-Sleep Mode:** Configurable electronic shutdown to save battery. * **Voltage Regulation:** Ensures measurement accuracy remains stable even as the battery voltage drops during the day.
    ✨ Follow-up Questions
    • ⤷ How does the 'Reflectorless' mode differ electronically from 'Prism' mode?
    • ⤷ What is the procedure for exporting data from the RTS-332-R to AutoCAD?
    • ⤷ How does the dual-axis compensator adjust for leveling errors?