データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-3A1-R

  • AI
    ## Overview of RTS-3A1-R The **RTS-3A1-R** is a specialized electronic component, typically categorized as a **Liquid Level Sensor** (or Float Switch). It is designed to detect the presence or absence of liquid within a tank or container using a magnetic reed switch mechanism. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch | | **Contact Form** | SPST (Single Pole Single Throw) | | **Output Type** | Normally Open (NO) or Normally Closed (NC) - orientation dependent | | **Material** | Usually Polypropylene or Stainless Steel (variant dependent) | | **Max Switching Voltage** | ~200V DC / 240V AC | | **Max Switching Current** | 0.5A | | **Operating Temperature** | -20°C to +80°C (standard range) | --- ### 2. Internal Components and Operation The RTS-3A1-R operates on a simple but reliable electromechanical principle: 1. **The Float:** Contains a permanent internal magnet. As liquid levels rise or fall, the float moves along the central stem. 2. **The Reed Switch:** Sealed inside the stationary stem. It consists of two ferromagnetic blades in a glass envelope. 3. **The Interaction:** When the float's magnet comes into proximity with the reed switch, the magnetic field pulls the blades together (closing the circuit) or allows them to separate (opening the circuit). 4. **Reversibility:** In many models of this series, the logic (NO to NC) can be reversed by removing the float, flipping it upside down, and reinstalling it. --- ### 3. Application Use Cases The RTS-3A1-R is commonly integrated into the following systems: * **HVAC Systems:** Used as a condensate overflow switch to prevent water damage if a drain line clogs. * **Industrial Machinery:** Monitoring coolant levels or lubricant reservoirs. * **Water Treatment:** High/Low-level alarms in small tanks. * **Home Appliances:** Water level sensing in coffee machines or humidifiers. --- ### 4. Wiring and Integration When integrating the RTS-3A1-R into a circuit, keep these electronic considerations in mind: ```cpp // Example: Arduino Integration Logic const int sensorPin = 2; // Connected to RTS-3A1-R void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Liquid Detected / Switch Closed"); } else { Serial.println("Level Low / Switch Open"); } } ``` > **Warning:** While the switch can handle high voltage, it is highly recommended to use a **relay** or an **optocoupler** if you are switching inductive loads (like motors or pumps) to prevent back-EMF from welding the reed switch contacts shut.
    ✨ Follow-up Questions
    • ⤷ How do I reverse the contact logic from Normally Open to Normally Closed on this sensor?
    • ⤷ What are the specific mounting thread dimensions for the RTS-3A1-R?
    • ⤷ Can this sensor be used with corrosive chemicals like acids?