RTS-3D1-R
AI

The **RTS-3D1-R** is a high-performance **3D LiDAR (Light Detection and Ranging)** sensor typically used in industrial automation, robotics, and logistics. It is designed to provide precise spatial awareness by measuring distances using laser pulses.
### 1. Key Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Scanning Method** | Rotating Mirror / Solid State Hybrid |
| **Field of View (FoV)** | Horizontal: 360° / Vertical: 20° - 30° |
| **Detection Range** | 0.1m to 30m+ (depending on target reflectivity) |
| **Accuracy** | ±30mm to ±50mm |
| **Interface** | Ethernet (RJ45), M12 Industrial Connector |
| **Supply Voltage** | 12V - 24V DC |
| **Power Consumption** | Approx. 5W - 8W |
---
### 2. Core Electronic Components
The device integrates several complex sub-systems to process light into digital data:
#### A. Optical Transceiver System
* **Laser Diode:** Emits infrared (IR) light pulses (usually 905nm wavelength, which is invisible to the human eye).
* **APD (Avalanche Photodiode):** A high-sensitivity semiconductor component that detects the faint "echo" of light reflected back from objects.
#### B. Signal Processing Unit
* **FPGA / Microcontroller:** Acts as the "brain." It calculates the **Time of Flight (ToF)**—the time it takes for a pulse to travel to an object and back—converting it into precise distance coordinates (X, Y, Z).
* **TDC (Time-to-Digital Converter):** A specialized circuit capable of measuring picosecond intervals to ensure high-accuracy distance data.
#### C. Mechanical & Control Hardware
* **Brushless DC Motor (BLDC):** Rotates the optical assembly to allow for a 360-degree horizontal view.
* **Optical Encoder:** Provides feedback to the controller regarding the exact angular position of the laser at the moment of firing.
---
### 3. Connection and Integration
The RTS-3D1-R usually communicates via standardized industrial protocols to ensure compatibility with PLCs (Programmable Logic Controllers) and IPCs (Industrial PCs).
```yaml
Connectivity_Profile:
Data_Output: Point Cloud Data (X, Y, Z, Intensity)
Communication: TCP/UDP via Ethernet
Synchronization: NTP (Network Time Protocol) or PTP
Environmental_Rating: IP65/IP67 (Dust and Water resistant)
```
---
### 4. Common Applications
* **AGVs/AMRs:** Obstacle avoidance and navigation for automated warehouse robots.
* **Volume Measurement:** Calculating the size of parcels on a conveyor belt.
* **Safety Guarding:** Creating virtual "fences" around hazardous machinery.
- ⤷
What are the specific pinout configurations for the M12 connector on the RTS-3D1-R?
- ⤷ Does this model support ROS (Robot Operating System) drivers?
- ⤷ How does its accuracy compare to 2D LiDAR sensors in industrial settings?