データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-411-R

  • AI
    The **RTS-411-R** is a specific electronic component, typically categorized as a **Non-Contact Infrared Temperature Sensor (Thermopile)**. These sensors are widely used in medical thermometers (ear/forehead), industrial temperature monitoring, and consumer appliances. Below is an explanation of its electronic architecture and specifications. --- ## 1. Internal Electronic Architecture The RTS-411-R consists of three primary internal sub-components that work together to translate thermal radiation into an electrical signal: | Component | Function | | :--- | :--- | | **Thermopile Chip** | A series of thermocouples that convert incoming IR radiation into a small DC voltage (microvolts). | | **Thermistor** | An internal reference resistor used for "Ambient Temperature Compensation." Since the sensor itself gets warm, the thermistor measures the casing temperature to calculate the absolute target temperature. | | **Optical Filter** | A long-wave pass filter (usually 5.5µm to 14µm) that limits the incoming light to the infrared spectrum, preventing interference from visible light. | --- ## 2. Technical Specifications The performance of the RTS-411-R is defined by its sensitivity and electrical resistance. ### Electrical Characteristics * **Object Temperature Range:** Typically -20°C to +100°C (application dependent). * **Thermopile Resistance:** Generally ranges from **40 kΩ to 60 kΩ** at 25°C. * **Thermistor Resistance:** Usually **100 kΩ** (NTC), used for cold-junction compensation. * **Sensitivity:** Measured in V/W (Volts per Watt), representing how much voltage is produced per unit of IR energy. --- ## 3. Pinout and Connection The device is usually housed in a **TO-46** metal can package, which provides electromagnetic shielding. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | **Pin 1** | **Thermopile (+)** | Positive output of the IR sensor signal. | | **Pin 2** | **Thermistor** | Connection to the internal temperature reference resistor. | | **Pin 3** | **Thermopile (-)** | Negative output/Ground for the IR signal. | | **Pin 4** | **GND / Case** | Connected to the metal housing for shielding against EMI. | --- ## 4. Implementation Requirements Because the output signal of the RTS-411-R is in the **microvolt (μV)** range, it cannot be read directly by a standard Microcontroller (MCU) ADC without external circuitry: 1. **Low-Noise Operational Amplifier (Op-Amp):** A high-gain instrumentation amplifier is required to boost the signal to a measurable 0-3.3V or 0-5V range. 2. **Analog-to-Digital Converter (ADC):** A high-resolution ADC (16-bit or 24-bit) is recommended for high precision. 3. **Signal Processing:** The MCU must apply the **Stefan-Boltzmann Law** and use the thermistor data to calculate the final object temperature. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical field of view (FOV) for the RTS-411-R sensor?
    • ⤷ How do you calibrate this sensor for different surface emissivities?
    • ⤷ Which Op-Amp models are best suited for amplifying thermopile signals?