データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-441-R/E

  • AI
    The **RTS-441-R/E** is a professional-grade **Reflectorless Total Station** typically manufactured by FOIF. It is used in surveying, engineering, and construction for high-precision distance and angle measurements. Below is a breakdown of its electronic components, systems, and technical specifications. --- ## 1. Core Electronic Systems The device operates through the integration of several high-tech electronic modules: | Component | Function | | :--- | :--- | | **EDM Unit** | The "Electronic Distance Measurement" unit. It uses a laser (Class 3R or 2) to calculate distance via phase shift or time-of-flight methods. | | **Angular Encoders** | Absolute encoders that measure horizontal and vertical angles electronically, eliminating the need for manual indexing. | | **Dual-Axis Compensator** | An electronic "level" that automatically detects and corrects for tilt errors in both the X and Y axes. | | **Main Logic Board** | The CPU that processes raw sensor data, handles coordinate geometry (COGO) calculations, and manages the file system. | --- ## 2. Key Electronic Specifications The "R/E" designation often refers to the specific EDM range and internal software capabilities. ### Distance Measurement (EDM) * **Reflectorless Range:** Typically up to **400m - 500m** (depending on the specific sub-model). * **Prism Range:** Up to **5,000m** with a single circular prism. * **Precision:** * With Prism: $\pm(2mm + 2ppm \times D)$ * Reflectorless: $\pm(3mm + 2ppm \times D)$ ### Power and Interface * **Power Source:** High-capacity Rechargeable Lithium-Ion battery (7.4V). * **Operating Time:** Approx. 10–12 hours of continuous distance/angle measurement. * **Communication:** RS-232C serial port, USB interface (for data export), and often Bluetooth for wireless connection to data collectors. --- ## 3. User Interface and Display The electronics include a human-machine interface (HMI) designed for field use: 1. **Dual Displays:** Usually features a large LCD screen on both faces of the instrument for easy reading in "face left" and "face right" positions. 2. **Backlighting:** Integrated LEDs for the display and the crosshair reticle for low-light conditions. 3. **Keypad:** Alpha-numeric membrane keyboard for entering point IDs, codes, and coordinates. --- ## 4. Internal Memory and Software The RTS-441 series typically includes: * **Internal Storage:** Capacity for approximately 10,000 to 20,000 points. * **Onboard Software:** Programs for Stake-out, Area calculation, Remote Elevation Measurement (REM), and Resection.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' designations in this model series?
    • ⤷ How do I calibrate the electronic dual-axis compensator?
    • ⤷ What file formats are supported for exporting data via the USB port?