データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RTS-442-R

  • AI
    The **RTS-442-R** is a high-precision reflectorless Total Station, commonly used in land surveying and civil engineering. Its electronic architecture is designed to integrate optical measurement with digital processing and storage. --- ## 1. Core Electronic Components The RTS-442-R relies on several integrated electronic subsystems to function: ### A. Distance Measurement Unit (EDM) The Electronic Distance Measurement (EDM) system is the heart of the device. * **Laser Diode:** Emits a modulated infrared or visible laser beam. * **Reflectorless Technology:** Uses a high-frequency phase-shift method to measure distances without a prism (up to 400m-1000m depending on the specific sub-model). * **Signal Processing:** An internal CPU calculates the time-of-flight or phase difference to determine distance down to millimeter accuracy. ### B. Angle Measurement System * **Absolute Encoders:** Unlike older incremental encoders, absolute encoders allow the device to "know" its horizontal and vertical angles immediately upon startup without needing a full rotation. * **Photoelectric Sensors:** These read the graduations on the internal glass disks to convert physical rotation into digital data. ### C. Processing & Storage * **Main Logic Board:** A high-speed 32-bit microprocessor manages the calculations (e.g., converting slope distance and vertical angle into horizontal distance and elevation). * **Internal Memory:** Typically holds up to 20,000 to 50,000 points. * **SD Card Slot:** Allows for external data expansion and easy transfer to a PC. --- ## 2. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Distance Range (No Prism)** | 400m - 600m (Standard) | | **Distance Range (Prism)** | Up to 5,000m | | **Angle Accuracy** | 2" (2 arc-seconds) | | **Display Type** | Dual-sided LCD with Backlight | | **Battery Type** | Rechargeable Li-ion (e.g., NB-20/25/28 series) | | **Communication** | RS-232C / Mini-USB / SD Card | --- ## 3. Power and Interface Electronics ### Power Management The unit utilizes **Lithium-Ion (Li-ion)** battery technology. The internal power management circuit ensures stable voltage during high-drain operations (like long-range laser firing) and provides low-battery warnings to prevent data loss. ### User Interface (UI) * **LCD Display:** A dot-matrix screen that renders the menu-driven software. * **Alpha-Numeric Keypad:** Connects to the mainboard via a ribbon cable, allowing for manual data entry of point IDs and descriptions. * **Compensator:** An electronic liquid-type dual-axis compensator automatically corrects for minor leveling errors in the X and Y axes. --- ## 4. Communication Ports To interact with external software (like AutoCAD or Carlson), the RTS-442-R uses the following protocols: ```text 1. RS-232C (Serial): Standard for connection to external data collectors. 2. USB: Direct connection for data download. 3. SD Card: Hot-swappable storage for field-to-office workflows. ```
    ✨ Follow-up Questions
    • ⤷ How does the phase-shift method compare to time-of-flight in this model?
    • ⤷ What are the specific battery requirements for the RTS-442-R?
    • ⤷ Which software formats are compatible with the RTS-442-R data output?