データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RV43-R

  • AI
    The **RV43-R** is typically referenced in the context of high-precision **Potentiometers** (variable resistors), specifically within the "RV" military or industrial specification series (often associated with brands like Precision Electronic Components or similar industrial manufacturers). Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Core Technical Specifications The "RV43" designation generally points to a specific mechanical size and power rating standard. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Single-turn Carbon/Cermet Potentiometer | | **Power Rating** | 2 Watts at 70°C | | **Resistance Range** | 10 Ohms to 5 Megohms (varies by sub-model) | | **Tolerance** | ±10% or ±20% | | **Voltage Rating** | 500 VDC (Dielectric strength up to 1000 VAC) | | **Rotation Angle** | 300° ±5° | --- ## 2. Internal Electronic Parts The RV43-R is comprised of several key sub-components that work together to vary resistance: ### A. The Resistive Element The "heart" of the device. In the RV series, this is usually a **hot-molded carbon composition** or a **Cermet** (Ceramic-Metallic) track. * **Function:** Provides the fixed resistance path. * **Benefit:** Carbon composition offers excellent stability and low noise during adjustment. ### B. The Wiper (Contact Arm) A metal brush or contact point that slides along the resistive element. * **Material:** Usually a precious metal alloy or nickel-silver. * **Function:** Picks up the voltage/resistance at a specific point on the track and transmits it to the center terminal. ### C. The Collector Ring A conductive inner ring that maintains electrical contact with the wiper regardless of its position. * **Function:** Connects the moving wiper to the stationary center terminal (Terminal 2). ### D. Terminals (Solder Lugs) Three gold-plated or tin-plated pins. * **Terminal 1 & 3:** Connected to the ends of the resistive element. * **Terminal 2:** Connected to the wiper. --- ## 3. Physical Construction Features The "R" suffix in industrial parts often denotes **Environmental Sealing** or **RoHS compliance**, depending on the specific manufacturer's catalog. * **Housing:** Typically a rugged, moisture-resistant metal or high-grade plastic case. * **Shaft:** Stainless steel or brass, designed for high rotational life (often 25,000+ cycles). * **Bushings:** Threaded metal for panel mounting, often including a locking nut and washer. --- ## 4. Typical Applications Because of its high power rating (2W) and durability, the RV43-R is used in: 1. **Industrial Controls:** Speed controllers for small motors. 2. **Audio Equipment:** High-end volume or gain stages in vintage-style amplifiers. 3. **Testing Equipment:** Calibration knobs in oscilloscopes or power supplies. 4. **Military/Aerospace:** Where resistance to vibration and moisture is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a linear and logarithmic taper in the RV43 series?
    • ⤷ How do I test if an RV43-R potentiometer is failing using a multimeter?
    • ⤷ Can the RV43-R be used as a rheostat instead of a voltage divider?