データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RWS600B-24-RFO

  • AI
    The **RWS600B-24-RFO** is a high-reliability, industrial-grade AC-DC power supply manufactured by TDK-Lambda. This specific model belongs to the RWS-B series, designed for long life and high efficiency. Below is a breakdown of its technical specifications and key electronic features. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 24V DC | | **Max Output Current** | 27A | | **Max Output Power** | 648W | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Efficiency** | ~88% at 230VAC | | **Cooling** | Internal Fan (Forced Air) | --- ### 2. Breakdown of the Suffix Codes (RFO) The suffix **"RFO"** indicates specific hardware options added to the base RWS600B-24 model: * **R (Remote ON/OFF):** Allows the power supply to be turned on or off via an external signal without cutting the main AC input. * **F (Full Coating):** The internal Printed Circuit Boards (PCBs) are treated with a conformal coating to protect against dust, humidity, and contaminants. * **O (Open Collector Signal):** Provides a "DC Good" signal. If the output voltage drops below a certain threshold, the open collector circuit changes state to alert a monitoring system (PLC or MCU). --- ### 3. Core Electronic Protections The RWS600B-24-RFO includes several integrated circuits and passive components designed to protect the load: * **Over Current Protection (OCP):** Constant current limiting with automatic recovery. * **Over Voltage Protection (OVP):** Shuts down the unit if the voltage exceeds ~115-135% of nominal to prevent damaging downstream electronics. * **Thermal Protection:** Sensors monitor internal heat; the unit will shut down if the internal temperature exceeds safe operating limits (often due to fan failure or blocked airflow). * **EMI/EMC Filtering:** Includes an internal line filter to meet EN55011/EN55022-B standards, reducing electromagnetic interference. --- ### 4. Input/Output Connections The unit typically uses screw terminal blocks for secure industrial wiring: ```text Terminal Layout (Typical): [ L ] [ N ] [ FG ] <-- AC Input (Line, Neutral, Frame Ground) [ -V ] [ -V ] [ +V ] [ +V ] <-- DC Output (Negative and Positive Rails) [ CN1 ] <-- Signal Connector (Remote ON/OFF, DC Good) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the RWS-B and the HWS series from TDK-Lambda?
    • ⤷ How do I wire the Remote ON/OFF circuit for this specific model?
    • ⤷ What is the expected lifetime of the internal fan in the RWS600B?