データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • RZF013P01TL-TP

  • AI
    The **RZF013P01TL-TP** is a specific electronic component, primarily known as a **P-Channel MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is designed for high-speed switching and low-voltage drive applications, commonly found in power management circuits for portable devices. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the RZF013P01TL-TP: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Polarity** | P-Channel | Operates with negative gate-source voltage. | | **$V_{DSS}$** | -12V | Drain-Source Voltage (Maximum). | | **$I_D$** | -1.3A | Continuous Drain Current. | | **$R_{DS(on)}$** | ~110 mΩ | Static Drain-Source On-State Resistance (at -4.5V). | | **$V_{GS(th)}$** | -0.3V to -1.0V | Gate Threshold Voltage range. | | **Package** | SOT-416 (VMT3) | Ultra-small surface mount package. | --- ### 2. Physical and Mechanical Features This component is characterized by its extremely small footprint, making it ideal for high-density circuit boards. * **Package Type:** SOT-416 (also known as VMT3). * **Termination:** Lead-free (RoHS compliant). * **Mounting Type:** Surface Mount Device (SMD). --- ### 3. Functional Applications Due to its low threshold voltage and small size, it is typically used in the following scenarios: 1. **Load Switching:** Turning power rails on or off in smartphones or tablets. 2. **Battery Management:** Protection circuits for Li-ion batteries where space is limited. 3. **Signal Level Shifting:** Translating logic levels between different voltage domains. 4. **DC/DC Converters:** Small-scale power conversion in portable electronics. --- ### 4. Schematic Representation In a circuit diagram, the connections are typically assigned as follows: ```text Pin 1: Gate (G) -> Controls the flow of current. Pin 2: Source (S) -> Connected to the positive supply (in P-Channel). Pin 3: Drain (D) -> Connected to the load. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using a P-channel MOSFET over an N-channel in high-side switching?
    • ⤷ How does the SOT-416 package compare to the SOT-23 in terms of thermal dissipation?
    • ⤷ What is the significance of the low Gate Threshold Voltage (-0.3V) for battery-powered devices?