データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S-323-R2

  • AI
    The **S-323-R2** is a specialized power distribution component, most commonly associated with **Mean Well** (or compatible) industrial switching power supplies, specifically designed for high-current applications. Below is a breakdown of the electronic specifications, physical components, and technical characteristics of this unit. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 90–132VAC / 180–264VAC (Switch Selectable) | | **Output Voltage** | 3.3V DC (Standard for R2 series) | | **Rated Current** | 60A | | **Rated Power** | ~198W | | **Efficiency** | ~74% | | **Cooling** | Forced air cooling by built-in DC fan | --- ### 2. Major Electronic Components The S-323-R2 utilizes a **Switch Mode Power Supply (SMPS)** architecture. The following parts are critical to its operation: #### A. Input Stage * **EMI Filter:** A combination of capacitors and inductors (chokes) used to suppress electromagnetic interference. * **Rectifier Bridge:** Converts the incoming AC voltage into a high-voltage DC bus. * **Bulk Capacitors:** Large electrolytic capacitors (usually 200V-470uF or higher) that smooth the rectified DC. #### B. Switching Stage * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a steady 3.3V output despite load changes. * **Power MOSFETs/BJTs:** High-speed switching transistors that chop the DC voltage into high-frequency pulses for the transformer. #### C. Output Stage * **Power Transformer:** Steps down the high-frequency AC voltage to the required low voltage level. * **Schottky Rectifiers:** High-current diodes that rectify the high-frequency output of the transformer. Because this is a 60A unit, these are usually mounted on large internal heatsinks. * **Output Filter (LC Circuit):** Inductors and Low-ESR capacitors that smooth the high-frequency ripples into a clean DC signal. --- ### 3. Physical Interface and Features * **Terminal Block:** Typically a 9-pin terminal strip with protective covers. * **L, N, FG:** AC Input (Live, Neutral, Frame Ground). * **V-, V+:** DC Output terminals (multiple terminals are provided to handle the high 60A current). * **Voltage Adjustment Potentiometer (V-ADJ):** A small trimmer resistor that allows the user to fine-tune the output voltage (typically ±10%). * **LED Indicator:** A green LED to signal "DC OK" status. * **Selection Switch:** A 110V/220V slide switch located on the side to match the local grid voltage. --- ### 4. Safety and Protection Circuits The S-323-R2 includes several protective layers to prevent damage to the connected electronics: 1. **Overload Protection:** Limits the current to approximately 105-135% of the rated capacity. 2. **Over Voltage Protection:** Shuts down the unit if the output exceeds defined safety limits (usually around 3.8V - 4.5V for this model). 3. **Short Circuit Protection:** Recovery is usually automatic once the short is removed (Hiccup mode). ---
    ✨ Follow-up Questions
    • ⤷What are the primary use cases for a 3.3V 60A power supply?
    • ⤷ How do I safely wire the S-323-R2 to prevent terminal overheating at 60A?
    • ⤷ What is the difference between the S-323-R2 and the S-350 series?