データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S-5B6-R

  • AI
    The **S-5B6-R** is a specific electronic component primarily recognized as a high-performance, radial-leaded **PTC (Positive Temperature Coefficient) Thermistor** or a **Polymeric Positive Temperature Coefficient (PPTC) resettable fuse**. These parts are engineered to protect electronic circuits from overcurrent conditions without requiring manual replacement after a fault. --- ### 1. Key Technical Specifications While specific manufacturers (like Polytronics or Bourns) may vary slightly, the "S-5B6-R" naming convention typically follows these parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | PPTC Resettable Fuse | | **Max Voltage ($V_{max}$)** | 60V - 72V | | **Hold Current ($I_{hold}$)** | 5.0 Amperes | | **Trip Current ($I_{trip}$)** | 10.0 Amperes | | **Max Current ($I_{max}$)** | 40A | | **Form Factor** | Radial Leaded (Through-hole) | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ### 2. How the Component Functions The S-5B6-R operates based on internal resistance changes relative to temperature: 1. **Normal State:** The device has a very low resistance, allowing current to flow through the circuit with minimal interference. 2. **Overcurrent State:** When a fault occurs, the high current generates heat. Once the temperature reaches a critical threshold, the polymer expands, and the internal conductive chains break. 3. **Tripped State:** Resistance increases exponentially, limiting the current to a safe leakage level. 4. **Reset:** Once the power is disconnected and the fault is cleared, the device cools down, the polymer contracts, and the conductive paths are restored. --- ### 3. Physical Construction * **Encapsulation:** Usually coated in a flame-retardant epoxy polymer (meeting UL94V-0 standards). * **Leads:** Tin-plated copper or nickel/silver-plated leads for easy soldering. * **Marking:** The body typically displays the series (S), the hold current (5), and a date code. --- ### 4. Common Applications Due to its 5A hold current, the S-5B6-R is commonly found in: * **Industrial Controls:** Protecting motor circuits and actuators. * **Power Supplies:** Secondary side protection for transformers. * **Automotive Electronics:** Protection for 12V/24V accessory circuits. * **Consumer Electronics:** Computer motherboards and high-power USB hubs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an S-5B6-R and a standard glass fuse?
    • ⤷ How does ambient temperature affect the trip time of this component?
    • ⤷ Can this part be used in AC voltage applications?