データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S-6-R

  • AI
    The **S-6-R** is a specific model identifier typically associated with **Mors Smitt / Railway relay technology** or, in some contexts, specific **DC power supply units** (like the Mean Well S-60 series or specialized RF components). Based on the most common industrial application (Railway/Industrial Relays), here is the breakdown of its electronic parts and specifications. --- ## 1. Component Overview: S-6-R Relay The S-6-R is primarily a **Safety/Signal Relay** used in railway signaling and heavy industrial automation. The "R" usually denotes a "Railway" grade or "Resistor" integrated version for back-EMF suppression. ### Key Specifications | Feature | Description | | :--- | :--- | | **Contact Type** | 6 Change-over (C/O) contacts | | **Coil Voltage** | Typically 12VDC, 24VDC, or 48VDC | | **Switching Current** | Up to 8A or 10A (depending on load type) | | **Mechanical Life** | > 50 million operations | | **Dielectric Strength** | 2.5 kV between contacts and coil | --- ## 2. Internal Electronic Architecture The S-6-R consists of several critical internal parts that ensure reliability under high-vibration environments. ### A. The Magnetic Circuit * **Coil:** Wound with high-purity copper wire. It creates the electromagnetic field required to pull the armature. * **Core & Yoke:** Made of high-permeability soft iron to focus the magnetic flux. ### B. Contact System * **Material:** Often **AgSnO2 (Silver Tin Oxide)** or **AgNi (Silver Nickel)**. These materials are chosen for their resistance to "welding" and electrical pitting. * **Springs:** Phosphor bronze or beryllium copper to maintain tension over millions of cycles. ### C. Protection Components (The "R" Suffix) In many electronic configurations of the S-6 series, the "R" indicates the inclusion of: * **Flyback Diode:** Prevents voltage spikes when the coil is de-energized. * **Internal Resistor:** Placed in parallel with the coil to dampen oscillations and protect sensitive driving electronics (PLC outputs). --- ## 3. Circuit Wiring Diagram (Generic) The following is a logic representation of a 6-contact relay pinout: ```mermaid graph TD A[Coil +] --- B(Internal Resistor/Diode) B --- C[Coil -] subgraph Contacts D[Common 1-6] E[Normally Closed 1-6] F[Normally Open 1-6] end ``` --- ## 4. Common Applications 1. **Railway Interlocking:** Ensuring signals cannot be green in two conflicting directions. 2. **Emergency Stop Loops:** Using the 6 redundant contacts to break multiple power phases simultaneously. 3. **Galvanic Isolation:** Separating high-voltage power circuits from low-voltage logic controllers (PLCs).
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Mors Smitt Railway relay or a Mean Well power supply?
    • ⤷ What is the specific coil voltage of the S-6-R unit you are using?
    • ⤷ Do you need the pinout diagram for a specific mounting socket?