データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S-DW32-R

  • AI
    The **S-DW32-R** typically refers to a **Magnetic Proximity Sensor** (often a Reed Switch type) commonly used in security systems, industrial automation, and door/window monitoring. It is designed to detect the presence or absence of a magnetic field. Below is a breakdown of its electronic components and specifications. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch (Normally Closed/Normally Open) | | **Contact Material** | Rhodium or Ruthenium (Plated for durability) | | **Max Voltage** | ~100V DC/AC | | **Max Current** | 0.5A | | **Housing Material** | ABS Plastic (Fire retardant) | | **Operating Distance** | 15mm - 25mm | | **Connection Type** | Wired (Screw terminals or Lead wires) | --- ### 2. Internal Electronic Components The device consists of two main physical parts that work together: #### A. The Reed Switch (The Active Part) The core component is a small glass envelope containing two thin metal "reeds." * **The Contact Leads:** These are made of ferromagnetic material. * **The Glass Seal:** Filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts. * **Operation:** When a magnetic field is brought close, the reeds become polarized and pull together, completing the circuit. #### B. The Permanent Magnet (The Passive Part) The second housing contains a high-quality permanent magnet (usually Neodymium or Ferrite). It requires no power and serves only to trigger the reed switch when in proximity. #### C. Protective Circuitry (Optional/Internal) In high-end versions of the S-DW32 series, you may find: * **Series Resistors:** To limit current and prevent the reeds from "welding" together during a short circuit. * **Tamper Switch:** A secondary circuit that triggers an alarm if the housing is opened or the wires are cut. --- ### 3. Wiring Configuration Depending on the specific model variation, the wiring logic follows standard security protocols: ```cpp // Logic Representation If (Magnet == Close) { Circuit = CLOSED; // Alarm loop is secure } else { Circuit = OPEN; // Alarm is triggered } ``` --- ### 4. Installation & Environment * **Surface Mount:** Designed to be screwed onto frames (S for Surface). * **Gap Distance:** It is critical to maintain a gap of less than 20mm for reliable electronic switching. * **Weather Resistance:** The ABS housing protects the internal glass reed switch from moisture and dust (usually rated IP64 or higher).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NC and NO configurations for this sensor?
    • ⤷ How do I test if the internal reed switch of the S-DW32-R is broken?
    • ⤷ Can this sensor be used with a 24V PLC system?