データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S0-R0

  • AI
    The term **S0-R0** (often seen as S0/R0) typically refers to specific interface configurations or signaling standards used in telecommunications, industrial automation, and energy metering. Below is a breakdown of the electronic components and concepts associated with these terms. --- ## 1. The S0 Interface (Pulse Output) The **S0 interface** is a standardized hardware interface defined in **EN 62053-31**. It is primarily used for transmitting consumption data from energy meters (electricity, gas, water) to a data logger. ### Key Electronic Specifications | Feature | Specification | | :--- | :--- | | **Type** | Passive Transistor (Open Collector) | | **Voltage Range** | 18V to 27V DC (Typical) | | **Current (ON)** | 10mA to 27mA | | **Current (OFF)** | < 2mA | | **Pulse Width** | Standard 30ms or 100ms | ### Internal Components 1. **Optocoupler:** Used to provide galvanic isolation between the meter and the recording device to protect against surges. 2. **Open Collector Transistor:** Acts as the switch. 3. **Pull-up Resistor:** Required on the receiver side to translate the current pulse into a voltage signal. --- ## 2. The R0 Interface (Relay/Reed) While S0 is an electronic pulse, **R0** (often categorized alongside S0) refers to a **Relay-based** or **Reed Contact** interface. ### Characteristics * **Mechanical Switching:** Unlike the S0's transistor, R0 uses physical contacts (Reed switches). * **Volt-Free:** It is usually a "dry contact," meaning it does not provide its own power. * **Durability:** Lower lifespan than S0 due to mechanical wear, but capable of switching higher loads. --- ## 3. Comparison of Electronic Properties | Feature | S0 (Electronic) | R0 (Mechanical/Reed) | | :--- | :--- | :--- | | **Switching Element** | Optocoupler/Transistor | Reed Contact / Relay | | **Polarity** | Sensitive (+ and - matter) | Non-polarized | | **Bounce** | No contact bounce | Subject to contact bounce | | **Speed** | High frequency possible | Low frequency only | --- ## 4. Typical Circuit Layout In a standard S0-R0 setup, the circuit follows this logic: ```text [ Meter Side ] [ Receiver Side ] (S0+) ----------------------- (VCC +) | | [Optocoupler] [Pull-up Resistor] | | (S0-) ----------------------- (Input Pin/GND) ``` 1. **S0+ Pin:** Receives the supply voltage. 2. **S0- Pin:** Connected to the sensing input of a microcontroller or PLC. 3. **Operation:** When a pulse occurs, the transistor closes, completing the circuit and pulling the signal low (or high, depending on the logic). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum cable length allowed for an S0 pulse interface?
    • ⤷ How do I connect an S0 meter to an Arduino or ESP32?
    • ⤷ What is the difference between Class A and Class B S0 interfaces?