データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S07-R

  • AI
    The **S07-R** typically refers to a high-performance **Brushless Electronic Speed Controller (ESC)**, often utilized in RC (Remote Control) racing, specifically in 1/10th scale touring cars or drift cars. It is designed to regulate the power delivered from the battery to the motor. --- ### Key Specifications and Electronic Components | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 2S LiPo (7.4V - 8.4V) | | **Current Rating** | High burst current (often 120A - 160A continuous) | | **BEC Output** | Built-in Battery Eliminator Circuit (6V/7.4V) to power servos | | **MOSFETs** | Internal high-frequency switching transistors for efficiency | | **Thermal Protection** | Integrated temperature sensors to prevent overheating | --- ### Detailed Electronic Parts Breakdown #### 1. The Microcontroller (MCU) The "brain" of the S07-R. It processes signals from the receiver (PWM) and determines the timing for the motor phases. High-end models like the S07-R often use a **32-bit processor** for ultra-smooth throttle response and advanced "boost" or "turbo" timing features. #### 2. MOSFET Board (Power Stage) The S07-R utilizes a series of **Metal-Oxide-Semiconductor Field-Effect Transistors**. * **Function:** These act as high-speed switches that flip on and off thousands of times per second to create a 3-phase AC-like signal for the brushless motor. * **Resistance:** Low internal resistance ($R_{DS(on)}$) is critical to minimize heat loss and maximize power to the wheels. #### 3. Capacitors (The "Cap Pack") Externally or internally connected large capacitors. * **Purpose:** They smooth out voltage ripples caused by the rapid switching of the MOSFETs. This protects the ESC from voltage spikes and provides a "buffer" during high-load acceleration. #### 4. The BEC (Battery Eliminator Circuit) A DC-to-DC converter that steps down the main battery voltage to a constant 6.0V or 7.4V. This allows the steering servo and the radio receiver to function without a separate small battery. --- ### Firmware and Programming The S07-R is highly electronic-dependent regarding its software. Users can typically adjust: * **Drag Brake:** How much the car slows down when you let off the throttle. * **Punch/Acceleration:** How aggressively the power is delivered. * **Timing/Boost:** Electronically advancing the motor timing at high RPMs to increase top speed. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the S07-R ESC?
    • ⤷ Can the S07-R handle 3S or 4S LiPo batteries?
    • ⤷ How do you program the timing settings on this specific model?