データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S1-46-R

  • AI
    The **S1-46-R** is a specific electronic component most commonly identified as a **High-Voltage Reed Relay** manufactured by companies like **Standex Electronics (Meder)**. These relays are designed for applications requiring high isolation voltages and high-speed switching in a compact SIP (Single In-line Package). --- ### 1. Key Technical Specifications The "S1" series typically represents the physical footprint, while the suffix "46-R" denotes specific electrical characteristics regarding coil voltage and contact type. | Parameter | Typical Value | | :--- | :--- | | **Contact Form** | 1 Form A (Normally Open) | | **Coil Voltage** | 5V - 12V DC (Varies by specific sub-type) | | **Switching Voltage** | Up to 1,000V DC | | **Breakdown Voltage** | Up to 4,000V DC (Isolation) | | **Switching Current** | 0.5A | | **Carry Current** | 1.0A | | **Package Type** | SIP (Single In-line Package) | --- ### 2. Internal Components & Construction The S1-46-R consists of several internal parts that allow it to function as an electrically operated switch: * **Reed Switch:** A glass capsule containing two ferromagnetic blades. These are hermetically sealed in an inert gas to prevent oxidation of the contacts. * **Inductive Coil:** A copper wire winding wrapped around the reed switch. When current flows through this coil, it creates a magnetic field that closes the reed contacts. * **Molded Housing:** An epoxy resin body that protects the fragile glass reed and provides structural integrity for the pins. * **Magnetic Shield (Optional/Internal):** Some variants include a Mu-metal shield to prevent magnetic interference between adjacent relays on a PCB. --- ### 3. Functional Pinout In a standard 4-pin SIP configuration, the internal layout usually follows this logic: ```text Pin 1 [Contact] ----+ | Pin 2 [Coil] [Relay] Pin 3 [Coil] [Internals] | Pin 4 [Contact] ----+ ``` --- ### 4. Common Applications Due to its high isolation and reliability, the S1-46-R is used in: 1. **Automated Test Equipment (ATE):** Switching high-voltage signals during semiconductor testing. 2. **Medical Equipment:** Isolation in patient monitoring devices where high dielectric strength is critical. 3. **Solar Energy:** Monitoring insulation resistance in photovoltaic inverters. 4. **Battery Management Systems (BMS):** High-voltage isolation and voltage sensing.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil resistance for the S1-46-R 5V version?
    • ⤷ How does a Reed Relay differ from a Solid State Relay in high-voltage applications?
    • ⤷ What are the mounting precautions for SIP-style high-voltage components?