データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S1-5B-R

  • AI
    ## S1-5B-R: Electronic Component Analysis The **S1-5B-R** is a specific part number typically associated with **Littelfuse** (under the SSAC brand) or similar manufacturers in the industrial control sector. It is primarily defined as a **Solid-State Time Delay Relay (Flashers)**. Below is the detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 120V AC | | **Circuitry Type** | Solid-State (Non-mechanical switching) | | **Flash Rate** | Fixed (Standardly 75 FPM - Flashes Per Minute) | | **Duty Cycle** | 50% (Equal on/off time) | | **Load Rating** | 1 Amp (Steady State), 10 Amp (Inrush) | | **Mounting** | Surface Mount / Plug-in (Package dependent) | | **Termination** | 0.25 in. (6.35 mm) Male Quick Connect Terminals | --- ### 2. Internal Electronic Design The "S1" series design focuses on longevity and reliability in harsh environments. Here are the core electronic components inside the module: * **Switching Element:** Uses a **Triac** (Triode for Alternating Current). Because it is solid-state, there are no physical contacts to arc, wear out, or weld together. * **Encapsulation:** The internal circuitry is usually **Epoxy-encapsulated**. This protects the electronic parts from: * Vibration and shock. * Moisture and humidity. * Corrosive environments. * **Timing Circuit:** Utilizes an RC (Resistor-Capacitor) oscillator or a digital CMOS timer chip to maintain a consistent pulse frequency regardless of temperature fluctuations. --- ### 3. Pinout and Connection The device typically operates in a "Series" configuration with the load. 1. **Terminal 1:** Line Input (Hot). 2. **Terminal 2:** Output to Load. 3. **Operation:** When power is applied, the unit immediately begins flashing. It acts as a "normally open" switch that toggles state based on its internal clock. --- ### 4. Common Applications * **Warning Lights:** Controlling strobe or beacon lights on industrial machinery. * **Instrumentation:** Pulsing alarm indicators on control panels. * **Industrial Automation:** Signaling the start or end of a machine cycle. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current capacity for the S1-5B-R?
    • ⤷ Is there a DC version of this specific flasher model?
    • ⤷ How does an RC timing circuit differ from a CMOS timer in these relays?