データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S14-R

  • AI
    The **S14-R** typically refers to a high-performance **ESC (Electronic Speed Controller)** often used in RC racing, particularly by brands like *Muchmore Racing*. Below is a detailed breakdown of its electronic components and features. --- ## 1. Core Electronic Components The S14-R is a brushless speed controller designed for competitive racing. Its architecture consists of several critical electronic systems: | Component | Function | Technical Detail | | :--- | :--- | :--- | | **MOSFETs** | Power switching | High-current, low-resistance Field Effect Transistors that drive the motor. | | **CPU/Processor** | Logic control | A high-speed 32-bit microprocessor that handles throttle signals and timing. | | **Capacitors** | Voltage stabilization | External or internal "cap-banks" that prevent voltage ripples and protect the ESC. | | **BEC** | Voltage regulation | The **B**attery **E**liminator **C**ircuit, which powers the receiver and steering servo. | | **Heat Sink** | Thermal management | An aluminum housing designed to dissipate heat generated by the MOSFETs. | --- ## 2. Technical Specifications The electronics are engineered to handle high current draws while maintaining high-frequency precision. * **Current Rating:** Usually rated for 140A+ continuous current. * **Voltage Input:** Designed for 2S LiPo (7.4V - 8.4V). * **BEC Output:** Often adjustable between **6.0V and 7.4V** to support High-Voltage (HV) servos. * **Sensor Port:** Uses a standard 6-pin JST-sensor cable to communicate with brushless motors for smooth low-end torque. --- ## 3. Programmable Electronic Features The S14-R allows users to modify its electronic behavior via a program card or Bluetooth module: ### Boost & Turbo Timing Allows the ESC to electronically advance the motor timing at specific RPM ranges to increase top speed beyond the motor's physical limits. ### Frequency Adjustments * **PWM (Pulse Width Modulation) Frequency:** Adjusts how the ESC communicates with the motor. Lower frequency feels more aggressive; higher frequency feels smoother. * **Brake Frequency:** Changes the resolution and "feel" of the braking force. ### Protection Circuits * **Low Voltage Cutoff:** Prevents the LiPo battery from dropping below a safe voltage. * **Thermal Shutdown:** Monitors the internal temperature of the MOSFETs and cuts power if it exceeds safety limits (usually around 100°C). --- ## 4. Wiring Diagram Overview ```cpp // Standard S14-R Wiring Layout [ Battery + ] ----> [ ESC Red Wire ] [ Battery - ] ----> [ ESC Black Wire ] [ ESC Phase A ] --> [ Motor A ] [ ESC Phase B ] --> [ Motor B ] [ ESC Phase C ] --> [ Motor C ] [ Sensor Port ] <-> [ Motor Sensor Port ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the S14-R ESC?
    • ⤷ How do I program the BEC voltage on this specific model?
    • ⤷ Which motors are most compatible with the S14-R electronics?