データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S1663

  • AI
    The **S1663** is a specific part number primarily associated with high-performance **Silicon Photodiodes** manufactured by **Hamamatsu Photonics**. These sensors are designed for high-speed optical communications and precision light detection. --- ### 1. Technical Overview The S1663 series belongs to the **PIN Photodiode** family. Unlike standard diodes, PIN photodiodes have an intrinsic layer that allows them to be highly sensitive to light and operate at very high speeds. | Feature | Specification (Typical) | | :--- | :--- | | **Material** | Silicon (Si) | | **Spectral Response Range** | 320 nm to 1100 nm (Visible to Near-Infrared) | | **Peak Sensitivity Wavelength** | ~960 nm | | **Photosensitive Area** | 2.4 × 2.4 mm (approximate for base model) | | **Package Type** | TO-5 or TO-18 Metal Can | | **Cut-off Frequency** | Up to 50 MHz (depending on bias voltage) | --- ### 2. Key Electronic Characteristics * **High Sensitivity:** It excels in detecting low-level light signals within the visible and infrared spectrum. * **Low Capacitance:** Designed with low terminal capacitance, which allows for a fast response time (essential for pulse detection). * **High Reliability:** Encased in a hermetically sealed metal package, protecting the silicon chip from humidity and environmental degradation. * **Linearity:** The output current is highly linear in relation to the incident light intensity, making it ideal for measurement applications. --- ### 3. Common Applications The S1663 is utilized in industries requiring high-speed and high-precision light sensing: 1. **Optical Communications:** Used in receivers for fiber optic data transmission. 2. **Analytical Instruments:** Integrated into spectrophotometers and medical diagnostic equipment. 3. **Industrial Laser Detection:** Monitoring laser power or pulse timing in manufacturing. 4. **Spatial Light Sensing:** Used in encoders or positioning systems where light tracking is required. --- ### 4. Circuit Implementation Example To use an S1663, it is typically connected to a **Transimpedance Amplifier (TIA)** to convert the small photo-generated current into a usable voltage. ```python # Simplified logic for calculating Output Voltage # V_out = I_photo * R_feedback Photocurrent = 0.000005 # 5 microAmps Feedback_Resistor = 100000 # 100k Ohms V_out = Photocurrent * Feedback_Resistor print(f"Output: {V_out} Volts") ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the S1663 and a standard phototransistor?
    • ⤷ How does the bias voltage affect the response speed of this photodiode?
    • ⤷ What are the specific pinout configurations for the TO-5 package version?