データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S2-Z1-R

  • AI
    The **S2-Z1-R** is a specific electronic component typically identified as a **high-precision, surface-mount (SMD) metal foil resistor**. These parts are renowned in the electronics industry for their extreme stability and low temperature coefficient. ### 1. Key Technical Specifications The following table outlines the general characteristics associated with the S2-Z1-R series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Precision Bulk Metal® Foil Resistor | | **Mounting Type** | Surface Mount (SMD) | | **Resistance Range** | Typically 5 $\Omega$ to 80 k$\Omega$ (varies by manufacturer) | | **Tolerance** | As low as ±0.01% | | **Temperature Coefficient (TCR)** | ±2 ppm/°C (0°C to +60°C) | | **Power Rating** | 0.25W to 0.6W (depending on ambient temp) | | **Stability** | $\Delta$R of 0.005% over 2000 hours | --- ### 2. Internal Construction The "Z1" technology refers to a specific foil processing technique that minimizes the effect of external stressors. 1. **Bulk Metal Foil:** Unlike thin-film or thick-film resistors, these use a cold-rolled foil cemented to a ceramic substrate. 2. **Etching Pattern:** A photo-lithographic process creates a "serpentine" path. This path is calibrated using laser trimming to achieve exact resistance values. 3. **Encapsulation:** The "R" in the suffix often denotes the specific molding or coating material used for moisture resistance and thermal dissipation. --- ### 3. Common Applications Due to their high cost and extreme precision, these are rarely found in consumer electronics. Instead, they are used in: * **Metrology:** Calibration equipment and laboratory standards. * **Aerospace & Defense:** Guidance systems and radar where thermal drift must be near zero. * **Medical Imaging:** High-resolution MRI and CT scanning circuits. * **Audio High-End:** Used in signal paths for ultra-low noise and distortion. --- ### 4. Part Number Breakdown (General) While specific manufacturers (like Vishay Precision Group) may vary, the code usually breaks down as follows: * **S2:** Refers to the physical package size/style. * **Z1:** Indicates the Z-Foil technology (Generation 1 of ultra-low TCR foil). * **R:** Often indicates the resistance value units (using R as a decimal point, e.g., 10R0 for 10 $\Omega$) or a specific screening requirement.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Z-foil and standard thin-film resistors?
    • ⤷ What are the soldering requirements for S2-Z1-R to avoid thermal damage?
    • ⤷ Can you provide a price comparison between S2-Z1-R and standard SMD resistors?