データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S23-R

  • AI
    The **S23-R** typically refers to a specific series of high-performance, waterproof circular connectors (often manufactured by companies like Weipu or similar industrial electronics firms). These connectors are critical in industrial automation, medical equipment, and outdoor communications. Below is a breakdown of the electronic components and technical specifications related to the S23-R series. --- ### 1. Technical Specifications Table The following table outlines the standard electrical and physical characteristics of the S23-R connector series: | Component / Feature | Specifications | | :--- | :--- | | **Contact Gender** | Male (Plug) or Female (Receptacle) | | **Number of Pins** | Ranges from 2 to 12 pins | | **Rated Current** | 5A to 30A (Depending on pin count) | | **Rated Voltage** | 250V to 500V AC | | **Termination Method** | Solder or Screw terminal | | **IP Rating** | IP67 / IP68 (Waterproof and Dustproof) | | **Mating Cycles** | >500 cycles | --- ### 2. Key Electronic Parts and Construction The S23-R is composed of several critical sub-components designed for durability and conductivity: #### A. Contact Pins (The Conductive Core) * **Material:** Usually made of **Gold-plated Brass**. * **Function:** Gold plating ensures low contact resistance and prevents oxidation/corrosion over long periods of use. #### B. Insulator (The Dielectric) * **Material:** High-performance thermoplastic (PPS or PA66). * **Function:** This part holds the pins in place and prevents electrical arcing between the pins. It can withstand temperatures up to 260°C. #### C. Shell and Locking Mechanism * **Material:** Zinc alloy with chrome plating or high-strength polymers. * **Function:** The "R" in S23-R often denotes a **Threaded Coupling** or a specific **Reverse** gender configuration. This ensures a secure physical connection that won't disconnect under vibration. #### D. Sealing Components * **Material:** Rubber or Silicone O-rings. * **Function:** Provides the IP68 rating, ensuring that the internal electronic contacts remain dry even when submerged. --- ### 3. Pin Layout and Wiring When working with S23-R parts, the wiring diagram is vital. Below is a generic example of how pins are typically assigned: ```cpp // Typical Pin Configuration (Example for 4-pin S23-R) Pin 1: VCC (Power Supply +) Pin 2: GND (Ground -) Pin 3: Signal A (Data / Control) Pin 4: Signal B (Data / Control) ``` --- ### 4. Application Areas Because of its rugged design, the S23-R electronic assembly is used in: * **LED Displays:** Outdoor power and data transmission. * **Industrial Sensors:** Connecting PLCs to field devices. * **Marine Electronics:** Communication systems exposed to salt spray.
    ✨ Follow-up Questions
    • ⤷What is the difference between S23-R and the SP21 connector series?
    • ⤷ How do I choose between solder and screw terminal versions of the S23-R?
    • ⤷ What are the maximum temperature limits for S23-R insulators?