データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S23-R2

  • AI
    The **S23-R2** is a specific revision of a hardware component, most commonly associated with a **Relay Module** (often used in PLC systems, smart homes, or industrial automation) or a specific **Sensor/Actuator** revision. Below is a breakdown of the typical electronic parts and architecture found in a module of this classification (R2 usually indicates "Revision 2"). ### 1. Core Component Breakdown | Component Category | Typical Parts | Function | | :--- | :--- | :--- | | **Switching Element** | Electromagnetic Relay or SSR | Controls high-voltage loads using low-voltage signals. | | **Control Logic** | Optocoupler (e.g., PC817) | Provides galvanic isolation between the input and output. | | **Protection Circuit** | Flyback Diode (1N4148/1N4007) | Protects against voltage spikes from the relay coil. | | **Status Indicators** | SMD LEDs (Red/Green) | Visual confirmation of power and trigger status. | | **Terminals** | Screw Terminal Blocks | Secure physical connection for high-gauge wiring. | --- ### 2. Key Technical Specifications The "R2" revision usually improves upon the original S23 design by enhancing thermal management or signal stability. * **Input Voltage:** Usually 3.3V - 5V DC (Logic level). * **Switching Capacity:** Typically 10A @ 250VAC or 10A @ 30VDC. * **Isolation:** Photo-electric coupling to prevent back-EMF from damaging the MCU (Microcontroller). * **Form Factor:** Compact PCB with standardized mounting holes. --- ### 3. Circuit Operation Flow The electronic operation follows this sequence: 1. **Input Phase:** A signal from an Arduino, PLC, or ESP32 enters the input pin. 2. **Isolation Phase:** The signal powers an internal LED inside the **Optocoupler**, which activates a phototransistor. This keeps the high-voltage side physically separated from the logic side. 3. **Driver Phase:** A transistor (often an NPN type like S8050) amplifies the current to energize the relay coil. 4. **Action Phase:** The magnetic field moves the physical contact from **NC** (Normally Closed) to **NO** (Normally Open). --- ### 4. Revision 2 (R2) Enhancements Compared to the base S23 model, the R2 version typically features: * **Improved Trace Width:** Better current handling on the PCB to prevent overheating. * **Higher Voltage Tolerance:** Upgraded capacitors or resistors to handle noisier power supplies. * **Reverse Polarity Protection:** A diode added to the VCC input to prevent damage if wired incorrectly.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the S23-R2 input header?
    • ⤷ Does the S23-R2 support PWM signal switching?
    • ⤷ How do I troubleshoot a non-responsive relay on this specific module?