データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S3-10-R

  • AI
    The **S3-10-R** typically refers to a high-performance **Surface Mount (SMD) Power Resistor** or a specific high-voltage **Rectifier Diode** (depending on the manufacturer, such as RCD Components or others). However, in the context of general electronics components, it is most commonly identified as a **3-Watt Wirewound Surface Mount Resistor**. --- ### 1. Key Technical Specifications The "S3" series generally denotes the physical size/wattage rating, while "10-R" specifies the resistance value. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Wirewound Resistor | | **Power Rating** | 3 Watts | | **Resistance Value** | 10 $\Omega$ (Ohms) | | **Tolerance** | Usually ±1% or ±5% (indicated by suffix) | | **Temperature Coefficient** | ±20ppm to ±100ppm/°C | | **Operating Temperature** | -55°C to +275°C | --- ### 2. Physical Construction The S3-10-R is designed to handle significant heat compared to standard thin-film resistors. * **Core:** Usually a ceramic or alumina mandrel. * **Element:** A precision-wound resistive wire (usually Nichrome) for stability. * **Encapsulation:** Molded epoxy or silicone coating for environmental protection and flame resistance. * **Terminations:** Tin-plated copper or alloy, designed for reflow soldering. --- ### 3. Common Applications Due to its 3W power rating and wirewound nature, this part is used where durability and surge handling are required: 1. **Current Sensing:** Low resistance values allow for monitoring current in power supplies. 2. **Inrush Current Limiting:** Protecting circuits from initial power spikes. 3. **Snubber Circuits:** Absorbing energy in switching power supplies (SMPS). 4. **Voltage Dividers:** Used in industrial control systems requiring high stability. --- ### 4. Part Number Breakdown (Example) Typically, manufacturers follow this logic: * **S3:** The series/package size (e.g., 3-Watt SMD). * **10:** The numerical value of resistance. * **R:** The decimal point (10R = 10.0 $\Omega$). * **Suffixes:** (e.g., "F" for 1%, "J" for 5%)—*Note: If "R" is at the end, it often signifies "RoHS Compliant" depending on the vendor.* ---
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for an S3 series SMD resistor?
    • ⤷ Can this component be used in high-frequency AC circuits?
    • ⤷ What is the difference between a wirewound and a thick-film resistor of the same wattage?