データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S3-R2

  • AI
    The **S3-R2** generally refers to a specific revision or sub-model within the **S3 series** of flight controllers (often used in fixed-wing or UAV applications) or specific industrial microcontroller modules. Given its context in electronics, it typically features a high-performance MCU, integrated sensors, and power management systems. Below is an overview of the electronic architecture and components associated with this hardware. --- ## 1. Core Processing Unit The heart of the S3-R2 is typically based on the **Espressif ESP32-S3** series or a high-performance **STM32** variant depending on the specific manufacturer (e.g., Matek or Flywoo). | Component | Description | | :--- | :--- | | **Processor** | Dual-core XTensa LX7 (up to 240MHz) | | **Memory** | 512KB SRAM + support for external Octal SPIRAM | | **Storage** | 16MB to 32MB On-board Flash for logging and firmware | | **Wireless** | Integrated 2.4GHz Wi-Fi and Bluetooth 5 (LE) | --- ## 2. Integrated Sensors (IMU & Navigation) The "R2" revision often updates the sensor suite to more modern, vibration-resistant chips. | Sensor Type | Common Part Number | Function | | :--- | :--- | :--- | | **Gyro / Accel** | ICM-42688-P | Provides 6-axis motion tracking (stabilization) | | **Barometer** | DPS310 / SPL06 | High-precision altitude sensing (pressure) | | **Magnetometer** | QMC5883L | Digital compass for heading/orientation | | **OSD Chip** | AT7456E | Overlays flight data onto analog video signals | --- ## 3. Power Distribution & Protection The S3-R2 is designed to handle varying voltage inputs from LiPo batteries and convert them to stable logic levels. ### Voltage Regulation * **Main Regulator:** Switched-mode power supply (Buck) converting 2S-6S (7.4V - 25.2V) to 5V/2A. * **Logic LDO:** Low-dropout regulator providing clean 3.3V for the MCU and sensors. * **Filtering:** High-capacitance ceramic capacitors to filter out ESC (Electronic Speed Controller) noise. ### Protection Circuitry * **TVS Diodes:** Protects the delicate logic circuits from voltage spikes. * **Current Sensor:** Hall-effect or Shunt resistor based monitoring to track battery consumption. --- ## 4. Connectivity and I/O The board layout provides specialized ports for external peripherals: * **UARTs (Universal Asynchronous Receiver-Transmitter):** Usually 4 to 6 ports for GPS, Telemetry, and Radio Receivers (ELRS/Crossfire). * **I2C Bus:** For external compasses or OLED displays. * **PWM/DShot:** Outputs for controlling motor ESCs or Servos. * **USB-C Port:** For firmware flashing and parameter configuration via Ground Control Stations (Betaflight/INAV). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the S3-R1 and S3-R2 revisions?
    • ⤷ How do I configure the UART ports on this board for a GPS module?
    • ⤷ Does the S3-R2 support ArduPilot or only Betaflight/INAV?