データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S3JBH

  • AI
    ## Electronic Component Analysis: S3JBH The **S3JBH** is a high-voltage, surface-mount power rectifier diode. It belongs to the standard recovery family and is typically housed in an SMB (DO-2114AA) package. It is designed for general-purpose rectification in power supplies, inverters, and converters. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the S3JBH: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Max. Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 600 | Volts (V) | | **Max. RMS Voltage** | $V_{RMS}$ | 420 | Volts (V) | | **Max. Average Forward Current** | $I_{F(AV)}$ | 3.0 | Amperes (A) | | **Peak Forward Surge Current** | $I_{FSM}$ | 100 | Amperes (A) | | **Max. Forward Voltage Drop** | $V_F$ | 1.15 (@ 3A) | Volts (V) | | **Reverse Recovery Time** | $t_{rr}$ | 2.5 (Standard) | Microseconds (µs) | | **Operating Temperature Range** | $T_J$ | -55 to +150 | °C | --- ### 2. Physical and Material Properties The component uses specific construction materials to ensure reliability under thermal stress: * **Package Type:** SMB (DO-2114AA) - A plastic surface-mount package. * **Case Material:** Molded plastic, UL Flammability Classification Rating 94V-0. * **Terminals:** Solderable per MIL-STD-750 (Method 2026). * **Polarity:** Color band denotes the **cathode** end. --- ### 3. Application Use-Cases Because the S3JBH is a "Standard Recovery" diode (rather than "Ultra-Fast"), it is best suited for low-frequency applications: 1. **AC-to-DC Rectification:** Used in bridge rectifiers for standard 110V/220V mains power supplies. 2. **Reverse Polarity Protection:** Protecting DC circuits from damage if the battery or power source is connected backwards. 3. **Freewheeling Diode:** Used in inductive load switching (relays or solenoids) where high-speed switching is not the primary requirement. 4. **Power Factor Correction (PFC):** Acting as a bypass diode in specific PFC topologies. --- ### 4. Part Number Breakdown (Generic) While coding varies by manufacturer (such as HY Electronic or Vishay), the prefix usually follows this logic: * **S3:** Indicates the 3.0 Ampere current rating. * **J:** Indicates the 600V voltage rating ($G=400V, J=600V, K=800V, M=1000V$). * **B:** Often refers to the SMB package style. * **H:** Often denotes "Halogen-free" or "High-reliability/AEC-Q101" (Automotive grade) depending on the specific datasheet. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between S3JBH and a 'Fast Recovery' version like the RS3J?
    • ⤷ Can the S3JBH be used in high-frequency switching power supplies?
    • ⤷ What are the thermal considerations for mounting the SMB package on a PCB?