データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S5-R12-NP

  • AI
    The **S5-R12-NP** is a specific model of a photoelectric sensor, typically manufactured by companies like **Datalogic (formerly Datasensor)**. This part is widely used in industrial automation for object detection. --- ### 1. Technical Specifications The model name follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Photoelectric Sensor (Retro-reflective) | | **Housing Style** | M18 cylindrical (Standard barrel) | | **Detection Mode** | Polarized Retro-reflective (requires a reflector) | | **Supply Voltage** | 10 - 30 VDC | | **Output Type** | NPN (Negative-Positive-Negative) | | **Output Logic** | Dark-ON / Light-ON (Selectable) | | **Operating Distance** | Usually up to 3 - 4 meters (depending on reflector) | | **Connection** | 2m Cable (standard for the 'R12' suffix) | | **IP Rating** | IP67 (Dust and water immersion protection) | --- ### 2. Internal Electronic Components To understand how the S5-R12-NP functions, we can break down its internal electronic architecture: #### A. The Emitter (IR or Red LED) The device contains a light-emitting diode. In "Polarized" models, this LED is fitted with a polarizing filter. This ensures that the sensor only detects light bounced back from a corner-cube reflector, ignoring reflections from shiny metal objects. #### B. The Receiver (Phototransistor) The receiver component senses the reflected light. If an object breaks the beam between the sensor and the reflector, the phototransistor detects a change in current. #### C. Control Circuitry (The ASIC) * **Modulator:** Pulses the Emitter LED at a specific frequency to prevent interference from ambient sunlight or room lighting. * **Demodulator:** Filters the signal from the receiver to ensure it only reacts to the Emitter's specific frequency. * **Amplifier:** Boosts the small signal from the phototransistor to a level that can drive the output. #### D. The Output Stage (NPN Transistor) Since this is an **NPN** model: * The load is connected between the **Positive (+) supply** and the **Output wire**. * When the sensor is triggered, the internal NPN transistor "closes," sinking the current to the **Negative/Ground (0V)**. --- ### 3. Wiring Diagram (Typical) Most S5 series sensors follow the standard industrial color coding: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +VDC | Positive Power Supply (10-30V) | | **Blue** | 0V / GND | Negative Power Supply | | **Black** | Output | NPN Signal (Sinking) | | **White** | Mode Select | Connection to +V or 0V to toggle Light/Dark ON | --- ### 4. Key Application Notes * **Polarization:** The "R" in the model name often signifies "Retro-reflective." Because it is polarized, it is excellent for detecting shiny objects (like soda cans or shrink-wrapped pallets) that might "trick" non-polarized sensors. * **Mounting:** The M18 threaded body allows for easy mounting through a 18mm hole, secured by two nuts (usually included).
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output in this sensor model?
    • ⤷ How do I wire the S5-R12-NP for 'Dark-ON' operation?
    • ⤷ What is the maximum switching frequency for the S5 series sensors?