データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S768

  • AI
    The **S768** typically refers to a specific series of surface-mount devices (SMD), most commonly associated with **Schottky Barrier Rectifiers** or specific **Power Management ICs** depending on the manufacturer (such as Diodes Incorporated or Microsemi). Below is a technical breakdown of the electronic components and characteristics associated with the S768 series. --- ### 1. Technical Specifications (General) If the S768 refers to a standard Schottky Diode (commonly used in power conversion), the following specifications generally apply: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | - | | **Max Recurrent Peak Reverse Voltage** | 60 - 100 | V | | **Forward Rectified Current** | 1.0 - 3.0 | A | | **Forward Voltage Drop** | 0.50 - 0.70 | V | | **Operating Temperature** | -55 to +150 | °C | | **Package Type** | SOD-123 / SMA / SMB | - | --- ### 2. Key Internal Parts & Construction An electronic component like the S768 consists of several critical layers and materials: 1. **Semiconductor Wafer:** Usually a Silicon (Si) substrate. In Schottky versions, a metal-semiconductor junction is used rather than a P-N junction to allow for faster switching. 2. **Metal Contact:** A layer of Chrome, Platinum, or Tungsten is deposited to create the "Schottky Barrier." 3. **Lead Frame:** The internal copper alloy structure that connects the die to the external circuit. 4. **Encapsulant:** An epoxy molding compound (UL 94V-0 rated) that protects the internal die from moisture and physical damage. 5. **Terminals:** Tin-plated leads (RoHS compliant) for soldering onto Printed Circuit Boards (PCBs). --- ### 3. Common Applications The S768 series is designed for efficiency in high-frequency circuits. Typical use cases include: * **Polarity Protection:** Preventing damage if a battery or power supply is connected backward. * **Freewheeling Diodes:** Used in motor drivers and switching power supplies to suppress voltage spikes. * **DC-DC Converters:** Low forward voltage drop improves the energy efficiency of power conversion. * **Signal Clamping:** Protecting sensitive IC inputs from overvoltage. --- ### 4. Circuit Identification In a schematic or on a PCB, you can identify the S768 by the following markings: ```text PCB Silkscreen: D (e.g., D102) Symbol: A ----|>|---- K (Anode to Cathode) ^-- A "Z" or "S" shaped bar denotes Schottky ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an S768 Schottky diode and a standard 1N4007 diode?
    • ⤷ Which package types are most common for S768 surface mount devices?
    • ⤷ How do I test an S768 component using a digital multimeter?