データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • S8FS-G10024CD-R

  • AI
    ## Overview of the S8FS-G10024CD-R The **S8FS-G10024CD-R** is a high-reliability, switch-mode power supply (SMPS) manufactured by **Omron**. It belongs to the S8FS-G series, which is designed for industrial applications requiring durability and stable DC voltage. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100 to 240 VAC (Universal) | | **Output Voltage** | 24 VDC | | **Output Current** | 4.5 A | | **Power Rating** | 100 W | | **Mounting Type** | DIN Rail (indicated by "D" suffix) | | **Cooling** | Natural convection | | **Safety Standards** | UL, CE, SEMI F47, EN/IEC | --- ### Internal Electronic Components and Features The device consists of several sophisticated electronic stages to ensure clean power delivery: 1. **Input Filter Stage (EMI/RFI):** * Contains **Varistors** for surge protection. * **Common Mode Chokes** and capacitors to filter electromagnetic interference from the AC line. 2. **Rectification & PFC:** * Uses a **Bridge Rectifier** to convert AC to DC. * Includes a **Smoothing Capacitor** (Electrolytic) to reduce ripple. 3. **Switching Circuit (PWM):** * Features a **MOSFET** high-speed switch controlled by a Pulse Width Modulation (PWM) IC. This efficiency reduces heat generation compared to linear power supplies. 4. **Isolation Transformer:** * High-frequency transformer providing galvanic isolation between the high-voltage AC input and the low-voltage DC output. 5. **Output Rectification & Filtering:** * **Schottky Diodes** are used for high-speed rectification. * **LC Filters** (Inductor-Capacitor) ensure the 24V output is stable and has low noise. --- ### Special Suffix Meanings The specific model code **CD-R** provides details on its physical and functional configuration: * **C:** Includes a **Cover** (metal casing) for safety and protection. * **D:** Indicates a factory-installed **DIN Rail mounting** bracket. * **R:** This signifies the **Remote Sensing** or **Remote Control** functionality (depending on specific batch wiring), allowing for precise voltage regulation at the load end. ### Safety and Protection Circuits The internal electronics are programmed to handle faults automatically: * **Overload Protection:** Automatically limits output current at 105% of the rated load. * **Overvoltage Protection:** Shuts down the unit if internal circuits fail and voltage spikes. * **Short-Circuit Protection:** Protects the internal MOSFETs from burning out during a direct short. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the S8FS-G and the older S8JX series?
    • ⤷ Does this model support parallel operation for higher current?
    • ⤷ What are the environmental temperature limits for this power supply?