データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SAB-R2000A

  • AI
    The **SAB-R2000A** is a high-performance **RFID Read/Write Module** (specifically an ultra-high frequency UHF module) commonly used in industrial automation, logistics, and inventory management. --- ## 1. Core Electronic Architecture The module is designed around the **ISO18000-6C (EPC Class1 Gen2)** protocol. Its electronic components are optimized for high-speed data processing and long-range wave propagation. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Operating Frequency** | 840MHz ~ 960MHz (Global support) | | **Output Power** | 0dBm ~ 30dBm (Adjustable via software) | | **Communication Interface** | UART (TTL), RS232, or RS485 options | | **Operating Voltage** | DC 3.7V - 5V | | **Inventory Rate** | Up to 200 tags/second | --- ## 2. Main Electronic Subsystems ### A. Radio Frequency (RF) Frontend This is the heart of the SAB-R2000A. It utilizes a highly integrated UHF RFID chip (often based on the **Impinj Indy R2000** architecture, hence the name). * **Power Amplifier (PA):** Boosts the signal to reach distances of up to 10–12 meters. * **Directional Coupler:** Separates the transmitted signal from the weak backscattered signal returning from the RFID tag. * **Antenna Port:** Usually features an MMCX or IPEX connector with 50Ω impedance matching to minimize signal reflection (VSWR). ### B. Digital Signal Processing (DSP) The module includes an onboard microcontroller (MCU) that handles: * **Protocol Decoding:** Converting RF waves back into digital EPC (Electronic Product Code) data. * **Anti-collision Algorithm:** Managing signals from hundreds of tags simultaneously within the field of view. * **Host Communication:** Packaging data for the UART/Serial interface. ### C. Power Management Unit (PMU) Because high-power RF transmission is energy-intensive: * Includes **LDO (Low-Dropout) regulators** to ensure a clean, noise-free power supply to the RF chain. * Thermal management circuitry to prevent the module from overheating during continuous "Inventory Mode." --- ## 3. Pinout Logic (Common Configuration) The SAB-R2000A typically utilizes a multi-pin header (VCC, GND, TX, RX, GPIO). | Pin Type | Description | | :--- | :--- | | **VCC/GND** | Power input (High current capacity required during transmit). | | **UART_RX/TX** | TTL level serial communication for commands and data. | | **GPIO** | General purpose pins for external triggers (e.g., infrared sensors) or signaling LEDs. | | **EN (Enable)** | High/Low logic to put the module into sleep mode to conserve power. | --- ## 4. Integration Guidelines When building electronics around the SAB-R2000A, consider the following: 1. **Heat Dissipation:** Ensure the module is mounted to a heat sink or a PCB with large ground planes, as it generates significant heat at 30dBm. 2. **Power Supply Decoupling:** Use large capacitors (e.g., 470uF) near the VCC pin to handle current spikes during RF bursts. 3. **EMI Shielding:** The module usually comes with a metal shield; do not remove it, as it prevents interference with nearby microcontrollers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reading distance of the SAB-R2000A with a 6dBi antenna?
    • ⤷ How do I interface the SAB-R2000A with an Arduino or Raspberry Pi?
    • ⤷ Does this module support multiple antenna ports for portal applications?