データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SAB-R3020

  • AI
    The **SAB-R3020** typically refers to a high-performance **2.4GHz RF Front-End Module (FEM)** or a specific Integrated Circuit (IC) often used in wireless communication systems, particularly for Wi-Fi 4/5 (802.11b/g/n/ac) applications. Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Core Internal Components The SAB-R3020 is an integrated module, meaning it houses several distinct electronic parts inside a single package to save space on a PCB. | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the low-power signal from the Wi-Fi SoC to a level sufficient for transmission through the antenna. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals from the antenna while keeping noise to a minimum to improve receiver sensitivity. | | **Transmit/Receive (T/R) Switch** | A high-speed electronic switch that toggles the antenna between the PA (Transmit) and LNA (Receive) paths. | | **Power Detector** | Monitors the output power levels to ensure stable transmission and prevent damage to the circuitry. | | **Harmonic Filters** | Passive components that suppress unwanted frequencies and interference. | --- ## 2. Technical Specifications These are the typical parameters you would find in the datasheet for a 2.4GHz FEM like the R3020. * **Frequency Range:** 2.4 GHz to 2.5 GHz (ISM Band). * **Operating Voltage:** Generally 3.0V to 5.0V. * **Gain:** * *Transmit Gain:* ~25 dB to 30 dB. * *Receive Gain:* ~12 dB to 15 dB. * **Noise Figure:** Usually low (< 2.5 dB) to ensure clear signal reception. * **Package Type:** QFN (Quad Flat No-lead), typically very small (e.g., 3x3 mm). --- ## 3. Pinout and Interface To integrate the SAB-R3020 into a circuit, specific pins must be connected: ### Power and Control * **VCC/VDD:** Main power supply pins. * **VEN / PD (Power Down):** A logic pin used to enable or disable the chip to save power when not in use. * **TX_EN / RX_EN:** Logic pins that control the internal T/R switch. ### RF Interface * **ANT Port:** Connected to the system antenna. * **TX_IN:** Connected to the Transmit output of the Wi-Fi Transceiver. * **RX_OUT:** Connected to the Receive input of the Wi-Fi Transceiver. --- ## 4. Application Circuit Diagram (Block Level) ```mermaid graph LR SubGraph_SAB-R3020[SAB-R3020 Module] SoC_TX[Wi-Fi SoC TX] --> PA[Power Amplifier] PA --> SW{T/R Switch} SW --> ANT[Antenna] ANT --> SW SW --> LNA[Low Noise Amp] LNA --> SoC_RX[Wi-Fi SoC RX] style SubGraph_SAB-R3020 fill:#f9f,stroke:#333,stroke-width:2px ``` --- ## 5. Typical Usage Scenarios * **Consumer Electronics:** Wi-Fi routers, access points, and range extenders. * **IoT Devices:** Smart home hubs that require long-range 2.4GHz connectivity. * **Industrial:** Wireless sensors requiring robust signal penetration through walls.
    ✨ Follow-up Questions
    • ⤷ What is the maximum output power (Pout) supported by the SAB-R3020?
    • ⤷ How do you calculate the thermal dissipation requirements for this RF module?
    • ⤷ Which specific Wi-Fi standards is this chip optimized for?