データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SAP-42-R2

  • AI
    The **SAP-42-R2** is a specific electronic component commonly used in industrial automation, particularly within safety relay systems and control units. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The SAP-42-R2 is typically categorized as a **Safety Control Relay** or an **Interface Module**. It is designed to act as a bridge between low-voltage control logic (like a PLC) and high-power industrial machinery, ensuring that safety protocols (like emergency stops) are hardware-enforced. ### 2. Technical Specifications The following table outlines the primary electronic parameters of the module: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V DC (Standard Control Voltage) | | **Contact Configuration** | 2 Normally Open (NO) / 2 Normally Closed (NC) | | **Max Switching Current** | 5A to 8A (Load dependent) | | **Response Time** | < 20ms | | **Housing Material** | Polyamide (Flame retardant) | | **Mounting Type** | DIN Rail (35mm) | | **Operating Temperature** | -20°C to +60°C | --- ### 3. Key Electronic Components The internal architecture of the SAP-42-R2 consists of several critical electronic sub-assemblies: #### A. Electromagnetic Coils * **Function:** Converts electrical energy into a magnetic field to actuate the mechanical switches. * **Protection:** Usually equipped with a **Flyback Diode** (or Varistor) to suppress inductive spikes (back EMF) when the coil is de-energized. #### B. Feedback Contacts (Force-Guided) * The "R2" designation often refers to the relay configuration. These relays use **force-guided contacts**. * **Safety Logic:** If one contact welds shut, the mechanical linkage prevents the other contacts from moving, allowing the system to detect a fault. #### C. Status Indicators (LEDs) * **Power LED (Green):** Indicates that the 24V DC input is active. * **Status LED (Red/Yellow):** Indicates the state of the relay (energized or tripped). #### D. Terminal Blocks * Features high-quality screw or spring-clamp terminals to ensure vibration-resistant connections in industrial environments. --- ### 4. Circuit Application Example In a standard safety circuit, the SAP-42-R2 is wired as follows: ```mermaid graph LR A[E-Stop Button] --> B[SAP-42-R2 Input] B --> C[Internal Logic/Coil] C --> D[Output Contacts] D --> E[Motor Contactor] ``` 1. **Input:** The safety sensor (E-stop or Light Curtain) breaks the circuit to the SAP-42-R2 input. 2. **Logic:** The internal relay de-energizes instantly. 3. **Output:** The forced-guided contacts open, cutting power to the motor contactors.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the SAP-42-R2 in a dual-channel safety system?
    • ⤷ How does force-guided contact technology differ from standard relays?
    • ⤷ What are the common failure modes of the SAP-42-R2 module?