データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SB340L-SMC-R

  • AI
    The **SB340L-SMC-R** is a specific surface-mount Schottky Barrier Diode. Below is a detailed breakdown of its electronic characteristics, naming conventions, and typical applications. --- ## 1. Component Identification The part number can be broken down to understand its core specifications: | Part Segment | Meaning | | :--- | :--- | | **SB** | Schottky Barrier Diode | | **3** | Forward Current ($I_{F}$) rating of 3.0 Amperes | | **40** | Reverse Voltage ($V_{RRM}$) rating of 40 Volts | | **L** | Low Forward Voltage Drop ($V_{F}$) version | | **SMC** | Package type (DO-214AB) | | **R** | Tape and Reel packaging | --- ## 2. Technical Specifications These parameters define how the component performs under electrical load: ### Electrical Ratings * **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$):** 40V * **Maximum Average Forward Rectified Current ($I_{O}$):** 3.0A * **Peak Forward Surge Current ($I_{FSM}$):** Typically 80A - 100A (8.3ms single half sine-wave) * **Forward Voltage Drop ($V_{F}$):** Very low, typically < 0.45V at 3A (This is the "L" characteristic). ### Thermal/Physical Properties * **Operating Junction Temperature:** -55°C to +125°C * **Case Material:** Molded Plastic (UL Flammability Classification 94V-0) * **Terminals:** Solderable per MIL-STD-750 --- ## 3. Key Features 1. **Schottky Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction, allowing for **extremely fast switching** speeds. 2. **Low Power Loss:** Because the forward voltage drop is lower than standard diodes (0.45V vs. 0.7V-1.1V), it generates less heat and improves efficiency. 3. **SMC Package:** The "SMC" footprint is larger than SMA or SMB, providing better heat dissipation for 3-Ampere loads. --- ## 4. Typical Applications The SB340L is commonly found in circuits where efficiency and speed are critical: * **Freewheeling Diodes:** Used in DC/DC converters to provide a path for inductor current. * **Polarity Protection:** Prevents damage if batteries or power supplies are connected backward. * **Switching Power Supplies (SMPS):** High-frequency rectification. * **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ## 5. Comparison: SMC vs. SMB Packages | Feature | SMC (SB340L) | SMB (SB340) | | :--- | :--- | :--- | | **Current Handling** | Higher (Better Thermal) | Moderate | | **Footprint Area** | ~12.5 $mm^2$ | ~8.5 $mm^2$ | | **Height** | ~2.3 mm | ~2.1 mm |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'L' (Low VF) and standard versions of this diode?
    • ⤷ Can this diode be used in AC-to-DC rectification for mains voltage?
    • ⤷ What are the recommended PCB thermal pad sizes for an SMC package?