データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SBAL-C6-R-R-D

  • AI
    The **SBAL-C6-R-R-D** is a specialized electronic sensor module manufactured by **Festo**. It is part of their vision sensor lineup, specifically designed for industrial automation and quality control. Below is a detailed breakdown of its electronic components, specifications, and functions. --- ## 1. Technical Specifications Overview This device is an integrated vision sensor that combines imaging, lighting, and signal processing in a single housing. | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS Monochrome (Black & White) | | **Image Resolution** | 752 x 480 Pixels (Wide VGA) | | **Integrated Lighting** | Red LED (625 nm wavelength) | | **Operating Voltage** | 24 V DC (+/- 10%) | | **Digital Inputs** | 2 (Configurable) | | **Digital Outputs** | 2 (Configurable) | | **Communication Interface** | Ethernet (10/100 Mbit/s) | | **Connection Type** | M12 Industrial Connectors | --- ## 2. Key Electronic Subsystems ### A. Imaging Sensor (CMOS) The "heart" of the device is a **Global Shutter CMOS sensor**. Unlike rolling shutters, a global shutter captures the entire frame simultaneously. This is critical for electronic parts moving on high-speed conveyor belts to prevent "motion blur" or image distortion. ### B. Integrated Illumination (Red LED) The **"R"** in the part number indicates **Red** light. * **Electronics:** It uses high-intensity Red LEDs synced with the camera trigger. * **Purpose:** The red light provides high contrast for detecting shapes, codes, or positions, particularly when dealing with metallic or matte electronic components. ### C. Processing Unit The unit contains an embedded digital signal processor (DSP) or FPGA that handles: * **Pattern Matching:** Identifying if a part is present. * **Code Reading:** Decoding 1D/2D barcodes (Data Matrix). * **Orientation Detection:** Ensuring a part is facing the correct direction. ### D. Digital I/O and Logic The device interfaces with PLCs (Programmable Logic Controllers) via: * **PNP/NPN Switching:** The outputs are electronically protected against short circuits. * **Ethernet/IP or PROFINET:** Higher-level data exchange via standardized industrial protocols. --- ## 3. Connector Pinout (M12) The electrical connection is typically handled through two M12 circular connectors: 1. **Power & I/O (5-pin/8-pin):** Handles the 24V supply and trigger signals. 2. **Ethernet (4-pin/D-coded):** Used for configuration via software and transmitting inspection data. --- ## 4. Typical Use Case in Electronics Manufacturing In the production of circuit boards or electronic assemblies, the SBAL-C6-R-R-D is used for: * **Component Verification:** Checking if a capacitor or IC is soldered in the correct position. * **Label Inspection:** Ensuring the serial number/QR code is legible. * **Pick-and-Place Guidance:** Providing coordinates to a robotic arm.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Red (R) and Infrared (IR) lighting versions of this sensor?
    • ⤷ How do you configure the digital outputs using the Festo Vision Sensor software?
    • ⤷ What is the maximum frames-per-second (FPS) this sensor can process?