データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SBS-AD-R/E2

  • AI
    The **SBS-AD-R/E2** is a specialized electronic module, typically associated with industrial automation, specifically within the series of bus system components (often for high-speed serial communication or sensor-actuator interfaces). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications The following table outlines the core electronic parameters for the SBS-AD-R/E2 module: | Component Feature | Specification Details | | :--- | :--- | | **Operating Voltage** | 24V DC (nominal) | | **Current Consumption** | Approx. 50mA to 150mA (load dependent) | | **Interface Type** | RS-485 / Proprietary Bus System | | **I/O Configuration** | Digital Inputs/Outputs (Analog variant) | | **Connection Type** | M12 Circular Connectors or Terminal Blocks | | **Protection Rating** | IP65 or IP67 (Depending on housing) | | **Operating Temp** | -20°C to +60°C | --- ### 2. Electronic Architecture The internal circuitry of the SBS-AD-R/E2 is designed for high-noise industrial environments. It generally consists of the following electronic stages: #### A. Power Conditioning * **Voltage Regulator:** Converts the 24V DC input into stable 3.3V or 5V rails for logic operations. * **Reverse Polarity Protection:** Prevents damage to the internal circuit if the power supply leads are swapped. #### B. Signal Processing * **Microcontroller (MCU):** The "brain" of the unit that handles data packet processing and I/O logic. * **Optocouplers:** Provide galvanic isolation between the field-side signals and the logic-side bus communication to prevent ground loops. #### C. Communication Layer * **Transceiver IC:** Typically uses an RS-485 or similar differential signaling chip to ensure high data integrity over long cable runs. --- ### 3. Pinout & Connection Logic In most configurations, the electronic wiring follows this standard logic: ```c Pin 1: +24V DC (Power) Pin 2: Signal / Control (Input/Output) Pin 3: 0V / GND (Ground) Pin 4: Bus A / Data + Pin 5: Bus B / Data - ``` --- ### 4. Typical Applications The SBS-AD-R/E2 is used as a bridge in various automated systems: 1. **Sensor Integration:** Connecting digital sensors to a centralized PLC. 2. **Actuator Control:** Driving small solenoids or relays via a bus signal. 3. **Data Conversion:** Converting local analog/digital signals into a serial protocol for remote monitoring. ---
    ✨ Follow-up Questions
    • ⤷What is the specific communication protocol used by the SBS-AD-R/E2?
    • ⤷ How do I wire this module to a standard PLC?
    • ⤷ Are there specific diagnostic LEDs on the hardware to troubleshoot signal loss?