データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SBS-DA-R

  • AI
    The **SBS-DA-R** (commonly associated with specific industrial weighing scales or sensor modules) typically refers to a digital-to-analog conversion assembly or a remote display unit used in precision weighing systems. Below is an overview of the internal electronic components and their functions. --- ### Core Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the unit (often an ARM or 8051 based chip). | Processes digital signals from the load cell and manages the user interface. | | **A/D Converter** | High-resolution Analog-to-Digital converter (e.g., HX711 or similar). | Converts the tiny millivolt signals from strain gauges into digital data. | | **Voltage Regulator** | LDO (Low Dropout) or switching regulator. | Ensures a stable 3.3V or 5V supply to prevent noise in measurements. | | **LED/LCD Driver** | Dedicated integrated circuit for the display. | Manages the segments of the 7-segment display or the matrix of an LCD. | | **EEPROM** | Non-volatile memory chip. | Stores calibration data and user settings so they are not lost when powered off. | --- ### Key System Modules ### 1. The Load Cell Interface The electronic frontend consists of a Wheatstone bridge connection. The SBS-DA-R electronics must provide a stable **Excitation Voltage** to the load cell. Because the output signal is extremely weak (often measured in microvolts), the circuit includes: * **Operational Amplifiers (Op-Amps):** For signal conditioning. * **EMI Filters:** To prevent radio frequency interference from affecting weight readings. ### 2. Communication Ports Depending on the specific variant, the board usually features: * **RS-232 Interface:** Uses a MAX232 or equivalent chip to allow the scale to talk to a PC or printer. * **Data Bus:** Internal ribbon cables connecting the main logic board to the keypad and display module. ### 3. Power Management The unit is designed for versatility, usually containing: * **Rectifier Bridge:** To convert AC from a wall adapter to DC. * **Battery Charging Circuit:** Manages the health of a lead-acid or Lithium-ion backup battery. --- ### Typical Technical Specifications ```json { "Input_Voltage": "AC 220V / DC 6V Rechargeable", "Signal_Input": "0.1mV - 20mV", "ADC_Resolution": "24-bit", "Operating_Temp": "-10°C to +40°C", "Interface_Protocol": "Baud rate 1200/2400/4800/9600" } ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the SBS-DA-R electronics?
    • ⤷ What are the common failure points in the A/D converter circuit?
    • ⤷ Can this unit be interfaced with an Arduino or Raspberry Pi?