データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SBS-DB-R/E

  • AI
    The **SBS-DB-R/E** typically refers to a **Single-Board System** or a specific **Digital Board** configuration used in industrial automation or measurement equipment (often associated with weighing indicators or power distribution monitoring). Below is a breakdown of the electronic components and architecture usually found in this type of module. --- ### 1. Core Electronic Architecture The board is designed for high-precision data acquisition and communication. The "R/E" suffix often denotes specific revisions or Relay/Ethernet capabilities. | Component Category | Typical Parts | Function | |:---|:---|:---| | **Microcontroller (MCU)** | ARM Cortex-M series or specialized SoC | Processes logic, manages I/O, and handles communication protocols. | | **A/D Converter** | 24-bit Delta-Sigma ADC | Converts analog sensor signals (like load cells) into high-resolution digital data. | | **Memory** | EEPROM & Flash | Stores calibration data, system configuration, and event logs. | | **Power Management** | Linear Regulators (LDO) / Buck Converters | Steps down input voltage (e.g., 12V/24V) to logic levels (3.3V/5V). | --- ### 2. Communication & Interface Modules The SBS-DB-R/E is characterized by its ability to interface with external industrial networks. * **Ethernet Controller:** Provides a TCP/IP interface for remote monitoring and integration into local area networks (LAN). * **RS-232 / RS-485 Drivers:** Uses chips like the MAX232 or SP485 for long-distance serial communication with PLCs or PCs. * **Optocouplers:** Used for galvanic isolation on digital inputs to protect the main MCU from high-voltage spikes or electrical noise. --- ### 3. Input/Output (I/O) Components Depending on the specific "R" (Relay) designation, the board contains: 1. **Electromechanical Relays:** Small signal relays used to trigger external alarms, motors, or actuators based on threshold logic. 2. **Transistor Switches:** MOSFETs or BJTs used for high-speed switching of DC loads. 3. **Status LEDs:** Surface-mount (SMD) LEDs indicating Power, Link/Act (for Ethernet), and Error states. --- ### 4. Protection Circuitry To ensure reliability in industrial environments, the following electronic parts are standard: * **TVS Diodes:** Transient Voltage Suppressors to protect against Electrostatic Discharge (ESD). * **Resettable Fuses (PTC):** Over-current protection for the power rails. * **Ferrite Beads:** To reduce Electromagnetic Interference (EMI) on communication lines. --- ### Technical Summary Table | Feature | Specification (Typical) | |:---|:---| | **Input Voltage** | 12V - 24V DC | | **Signal Resolution** | Up to 1/30,000 internal divisions | | **Connectivity** | RJ45 (Ethernet), Terminal Blocks (Serial) | | **Mounting** | DIN-Rail or Stand-off mounting | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS-485 port on this board?
    • ⤷ Does the SBS-DB-R/E support Power over Ethernet (PoE)?
    • ⤷ How do I perform a factory reset on the MCU of this specific module?