データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SC200-22-R/4

  • AI
    The **SC200-22-R/4** is a specialized power electronic component, typically categorized as a **Thyristor (SCR) Module** or a high-power diode/SCR bridge assembly used in industrial motor control and power conversion. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The model numbering usually indicates the current and voltage ratings. For a standard SC200 series module, the parameters are generally as follows: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Model Number** | SC200-22-R/4 | Series Designation | | **Max Average Current ($I_{T(AV)}$)** | 200 Amperes | Continuous current handling capacity | | **Peak Reverse Voltage ($V_{RRM}$)** | 2200 Volts | Maximum repetitive peak blocking voltage | | **Configuration** | SCR/Diode Module | Integrated semi-controlled bridge or phase leg | | **Mounting** | Chassis / Heat Sink | Requires thermal management due to high heat | --- ### 2. Key Internal Components The "R/4" suffix and the general SC200 construction involve specific electronic parts: * **Silicon Controlled Rectifiers (SCRs):** The core switching elements that allow controlled current flow. * **Internal Isolation:** The base plate is usually electrically isolated from the active silicon chips using Ceramic (AlN or $Al_2O_3$) substrates, allowing multiple modules to be mounted on the same heat sink. * **Gate Terminals:** Small fast-on or screw terminals used to provide the trigger pulse to the SCRs. * **Power Terminals:** Robust screw-type connectors designed for high-gauge wiring or busbars. --- ### 3. Application Areas This part is designed for heavy-duty industrial environments where high voltage and current are present: 1. **AC Motor Soft Starters:** Used to ramp up the voltage to motors to prevent mechanical stress. 2. **DC Motor Drives:** Converts AC to DC for controlled industrial motor speed. 3. **Large Power Supplies:** Used in industrial plating, welding, or charging systems. 4. **Heating Control:** Managing large resistive loads in furnaces. --- ### 4. Safety and Operation Notes * **Thermal Paste:** Because it handles 200A, the module generates significant heat. A high-quality thermal interface material (TIM) must be used between the module base and the heat sink. * **Snubber Circuits:** It is highly recommended to use an external RC snubber circuit across the terminals to protect the SCRs from voltage spikes ($dv/dt$). * **Gate Triggering:** Ensure the gate drive circuit provides a sharp pulse with sufficient current to turn on the SCR fully, preventing "hot spotting" on the silicon die.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SC200-22-R/4?
    • ⤷ How do I calculate the required heat sink size for this 200A module?
    • ⤷ What are the common failure modes for SCR modules in motor control?