データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SC614-R

  • AI
    The **SC614-R** is a high-performance, single-chip CMOS image sensor designed specifically for surveillance, industrial monitoring, and automotive applications. It belongs to the **SmartClarity** series developed by **SmartSens Technology**. --- ## 1. Key Specifications The SC614-R is known for its high sensitivity and low-power architecture. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Resolution** | 6 Megapixels (3072H x 2048V) | | **Optical Format** | 1/1.8-inch | | **Pixel Size** | 2.0µm x 2.0µm | | **Frame Rate** | Up to 60 fps @ full resolution | | **Output Interface** | MIPI CSI-2 (4-lane) / LVDS / Parallel | | **Dynamic Range** | > 80dB (standard) / HDR support | | **Operating Voltage** | Analog: 2.8V / Digital: 1.2V / I/O: 1.8V | --- ## 2. Core Electronic Components & Features ### A. Sensor Architecture * **Back-Illuminated Pixel (BSI):** Unlike traditional Front-Illuminated (FII) sensors, the SC614-R uses BSI technology. This places the wiring layers behind the light-collecting photodiode, significantly increasing light sensitivity and reducing noise in low-light environments. * **ADC (Analog-to-Digital Converter):** It features on-chip high-speed column-parallel ADCs that convert analog light signals into digital data with minimal latency. ### B. Signal Processing * **DPC (Defect Pixel Correction):** Internal circuitry that identifies and compensates for "dead" or "hot" pixels. * **Black Level Calibration (BLC):** Automatically adjusts the reference black level to ensure color accuracy across different temperatures. * **HDR (High Dynamic Range):** Supports multi-exposure HDR, allowing the sensor to capture details in both extremely bright and dark areas of a single scene. ### C. Interface and Connectivity * **MIPI CSI-2:** The primary high-speed digital interface used to transmit image data to a System-on-Chip (SoC) or Image Signal Processor (ISP). * **I2C Bus:** Used as the control interface (SCCB) for configuring internal registers (e.g., exposure time, gain, and frame rate). --- ## 3. Application Use Cases Due to its 6MP resolution and high sensitivity, the SC614-R is typically found in: * **AI Surveillance:** High-definition security cameras with facial recognition capabilities. * **ITS (Intelligent Traffic Systems):** License plate recognition (LPR) due to its high frame rate. * **Industrial Vision:** Quality control and automated inspection lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the SC614-R during full operation?
    • ⤷ How does the SC614-R compare to the SC5235 in terms of sensitivity?
    • ⤷ Which ISPs (Image Signal Processors) are most compatible with the SC614-R?