データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCD42-D-R2

  • AI
    The **SCD42-D-R2** is a high-precision carbon dioxide (CO2) sensor module developed by Sensirion. It is part of the SCD4x series, utilizing the **photoacoustic sensing principle**, which allows for a significantly smaller footprint compared to traditional NDIR (Non-Dispersive Infrared) sensors without compromising accuracy. --- ### 1. Key Technical Specifications The following table highlights the primary electronic and performance characteristics: | Parameter | Specification | | :--- | :--- | | **Sensing Principle** | Photoacoustic (PASens® Technology) | | **Supply Voltage (VDD)** | 2.4 V – 5.5 V | | **Average Current Consumption** | 18 mA (at 5V, 60s sample interval) | | **Peak Current** | 205 mA | | **Output Range** | 0 – 40,000 ppm | | **Accuracy** | ±(75 ppm + 5% of reading) | | **Communication Interface** | I2C (Standard / Fast Mode / Fast Mode Plus) | | **Operating Humidity** | 0 – 95% RH (non-condensing) | --- ### 2. Core Electronic Components & Architecture The SCD42-D-R2 integrates several sophisticated electronic sub-systems within its compact 10 x 10 x 7 mm³ package: * **Photoacoustic Transducer:** Unlike NDIR sensors that use an optical detector, the SCD42 uses a microphone to detect pressure changes (sound) generated when CO2 molecules absorb infrared light and heat up. * **Integrated Temperature & Humidity Sensor:** It contains a built-in SHT4x sensor used for internal signal compensation (on-chip humidity and temperature compensation). * **ASIC (Application-Specific Integrated Circuit):** A dedicated chip handles the analog-to-digital conversion, signal processing, and the I2C interface logic. * **IR Emitter:** A specialized light source tuned to the absorption band of CO2. --- ### 3. Pinout Configuration The device uses a surface-mount (SMD) landing pattern. Below are the primary pins required for operation: | Pin # | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | **VDD** | Power | Supply Voltage (2.4V to 5.5V) | | 2 | **GND** | Ground | Supply Ground | | 6 | **SCL** | Digital Input | I2C Clock Input | | 7 | **SDA** | Digital I/O | I2C Data I/O | --- ### 4. Implementation Example (Pseudo-Code) The sensor is controlled via I2C commands. Below is a simplified representation of how to interact with the sensor in a C-like environment: ```cpp // Example: Starting Periodic Measurement void setupSCD42() { Wire.begin(); // Command to start periodic measurement: 0x21B1 Wire.beginTransmission(0x62); // Default I2C address Wire.write(0x21); Wire.write(0xB1); Wire.endTransmission(); } // Reading Data void readCO2() { // Request 9 bytes (CO2, Temp, Humidity + CRC for each) Wire.requestFrom(0x62, 9); uint16_t co2 = (Wire.read() << 8) | Wire.read(); // ... process remaining bytes ... } ``` --- ### 5. Notable Features * **Small Form Factor:** Roughly 5x smaller than previous generations (SCD30). * **Reflow Solderable:** Designed for high-volume automated assembly. * **On-chip Compensation:** Automatically adjusts for pressure and temperature fluctuations to maintain accuracy over time.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SCD42 and the SCD41 models?
    • ⤷ How does the peak current consumption impact the design of the power supply circuit?
    • ⤷ What is the recommended I2C pull-up resistor value for a 3.3V system using this sensor?