データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCF016-1206-R

  • AI
    The **SCF016-1206-R** is a specific surface-mount electronic component, typically categorized as a **Polymeric Positive Temperature Coefficient (PPTC) resettable fuse**. These components are designed to protect circuits from overcurrent conditions by increasing their resistance significantly when a fault occurs, then resetting once the fault is cleared and the device cools down. --- ### 1. Technical Specifications Below are the typical electrical and physical characteristics for this part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Resettable Fuse (PPTC) | | **Package / Case** | 1206 (3216 Metric) | | **Hold Current ($I_{hold}$)** | 0.16 Amperes (160mA) | | **Trip Current ($I_{trip}$)** | 0.37 Amperes (370mA) | | **Maximum Voltage ($V_{max}$)** | 30V - 60V (Varies by specific manufacturer series) | | **Maximum Current ($I_{max}$)** | 10A - 40A | | **Resistance ($R_{min}$ - $R_{1max}$)** | 1.20 $\Omega$ - 4.50 $\Omega$ | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Part Number Breakdown The nomenclature usually follows this logic: * **SCF**: Series designation (often related to "Surface Mount Chip Fuse"). * **016**: Indicates the Hold Current ($I_{hold}$). In this case, $0.16A$. * **1206**: The industry-standard package size ($3.2mm \times 1.6mm$). * **R**: Often denotes compliance with RoHS (Reduction of Hazardous Substances) standards. --- ### 3. How it Works Unlike a standard one-time fuse that melts and creates an open circuit, the PPTC behaves as follows: 1. **Normal Operation**: The device is in a low-resistance state, allowing current to flow to the load. 2. **Fault Condition**: If current exceeds the $I_{trip}$ threshold, the polymer matrix expands due to Joule heating, causing the internal conductive carbon chains to break. 3. **Tripped State**: Resistance spikes rapidly, limiting the current to a safe leakage level. 4. **Reset**: Once power is removed and the device cools, the polymer contracts, restoring the conductive paths and returning to low resistance. --- ### 4. Common Applications * **USB Port Protection**: Safeguarding against shorts in peripherals. * **Battery Packs**: Protecting lithium-ion cells from external short circuits. * **Consumer Electronics**: Used in tablets, smartphones, and LCD displays. * **Automotive Electronics**: Protecting low-voltage signal lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between I-hold and I-trip in this component?
    • ⤷ How does ambient temperature affect the performance of the SCF016-1206-R?
    • ⤷ Can this component be used for AC mains voltage protection?