データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCF030-2920-R

  • AI
    The **SCF030-2920-R** is a Surface Mount Device (SMD) Resettable Fuse, specifically a **Polymeric Positive Temperature Coefficient (PPTC)** device. It is designed to protect electronic circuits from overcurrent and over-temperature conditions. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the SCF030-2920-R: | Parameter | Specification | | :--- | :--- | | **Package / Case** | 2920 (7451 Metric) | | **Hold Current ($I_{hold}$)** | 0.30 A (300 mA) | | **Trip Current ($I_{trip}$)** | 0.60 A (600 mA) | | **Maximum Voltage ($V_{max}$)** | 60V | | **Maximum Current ($I_{max}$)** | 100A | | **Typical Power ($P_d$ typ)** | 1.5W | | **Operating Temperature** | -40°C to +85°C | | **Termination Finish** | Tin (Sn) - RoHS Compliant | --- ### 2. How it Works (PPTC Principle) Unlike a traditional one-time fuse that blows and must be replaced, the SCF030-2920-R "resets" itself: 1. **Normal State:** The device has a very low resistance, allowing current to flow to the load. 2. **Fault State:** If an overcurrent occurs, the internal polymer heats up. This causes a sudden increase in resistance (the "trip"), which limits the current to a safe level. 3. **Reset State:** Once the power is removed and the fault is cleared, the device cools down, the resistance drops, and the circuit resumes normal operation. --- ### 3. Key Applications Because of its small footprint and resettable nature, it is commonly used in: * **USB Ports:** Protection for peripherals and hubs. * **Power Supplies:** Secondary protection for DC power sources. * **Industrial Controls:** Protecting sensors and PLC I/O ports. * **Automotive Electronics:** Safeguarding telematics and infotainment systems. --- ### 4. Advantages vs. Disadvantages * **Pros:** Reduces maintenance costs (no replacement needed), saves board space (2920 footprint), and provides high reliability. * **Cons:** Higher initial resistance than a standard fuse; sensitive to ambient temperature (derating is required in hot environments).
    ✨ Follow-up Questions
    • ⤷ What is the derating curve for this PPTC at 50°C?
    • ⤷ How does the 2920 package size compare to 1206 or 1812 packages?
    • ⤷ Can this device be used in AC power applications?