データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCF075-1210-R

  • AI
    The **SCF075-1210-R** is an electronic component known as a **Surface Mount Fuse**, specifically a **Polymer Positive Temperature Coefficient (PPTC)** device, commonly referred to as a "Resettable Fuse." It is designed to protect circuits from overcurrent conditions by increasing its resistance when a fault occurs and automatically resetting once the fault is cleared and power is cycled. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of the SCF075-1210-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Resettable Fuse (PPTC) | | **Hold Current ($I_{hold}$)** | 0.75 Amps | | **Trip Current ($I_{trip}$)** | 1.50 Amps | | **Maximum Voltage ($V_{max}$)** | 6.0 - 13.2 Volts (Series dependent) | | **Maximum Current ($I_{max}$)** | 40 - 100 Amps | | **Package Size** | 1210 (EIA Metric: 3225) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Compliant** | Yes (Lead-Free) | --- ### 2. Functional Characteristics #### How it Works 1. **Normal State:** Under normal operating conditions, the device maintains a low resistance, allowing current to flow to the load. 2. **Tripped State:** When current exceeds the trip threshold (1.5A), the polymer material heats up and expands, causing its resistance to spike. This limits the current to a safe leakage level. 3. **Resetting:** Once the overcurrent is removed and the device cools down, the polymer shrinks back to its original conductive state. #### Advantages of the 1210 Form Factor * **Space Saving:** The 1210 footprint (3.2mm x 2.5mm) is ideal for compact PCBs in consumer electronics. * **High Performance:** Offers faster trip times compared to larger 1812 or 2920 packages. --- ### 3. Common Applications This specific part is frequently used in low-voltage DC applications where space is limited and reliability is critical: * **USB Ports:** Protection for USB 2.0/3.0 ports in laptops and peripherals. * **Battery Packs:** Protecting lithium-ion cells from short circuits. * **Motherboards:** Overcurrent protection for I/O ports. * **Automotive Electronics:** Protection for interior lighting or sensor modules. --- ### 4. Part Number Breakdown (Typical) * **SCF:** Series prefix (Super-low Capacitance/Surface Mount). * **075:** Hold current rating (0.75 Amps). * **1210:** Package dimensions (0.12 x 0.10 inches). * **R:** Packaging indicator (usually Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between hold current and trip current in a PPTC?
    • ⤷ How does temperature affect the performance of the SCF075-1210-R?
    • ⤷ Can this resettable fuse be used in AC power applications?