データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCI0603S-R22GF

  • AI
    ## Technical Analysis of SCI0603S-R22GF The **SCI0603S-R22GF** is a high-frequency, wire-wound surface mount (SMD) inductor. It is part of the "SCI" series, typically used in RF (Radio Frequency) and communication circuits due to its high precision and high Q factor. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Code Segment | Meaning | Specific Value | | :--- | :--- | :--- | | **SCI** | Series Name | Standard Chip Inductor (Wire-wound) | | **0603** | Package Size | 0.06 x 0.03 inches (1.6 x 0.8 mm) | | **S** | Type/Material | Standard / Ceramic Core | | **R22** | Inductance Value | 0.22 µH (or 220 nH) | | **G** | Tolerance | ±2% | | **F** | Termination | RoHS Compliant (Lead-Free) | --- ### 2. Key Specifications These parameters define how the inductor performs under electrical load: * **Inductance:** 220 nH (nanohenries). * **Tolerance:** ±2% (High precision, suitable for tuning circuits). * **Quality Factor (Q min):** Usually >25 at specific frequencies (e.g., 250MHz). * **Self-Resonant Frequency (SRF):** Typically >900 MHz. * **DC Resistance (DCR max):** Usually around 0.70 - 1.00 Ohms. * **Rated Current:** Approximately 250mA - 400mA (depends on temperature rise). --- ### 3. Construction and Material * **Core Material:** Ceramic. Unlike ferrite cores, ceramic cores provide excellent stability and high SRF but lower inductance values. * **Winding:** Wire-wound construction. This offers lower DC resistance and higher current handling compared to multilayer chip inductors. * **Encapsulation:** Often coated with a clear epoxy resin to protect the fine copper wire from mechanical damage and oxidation. --- ### 4. Typical Applications Because of its high precision and RF characteristics, the SCI0603S-R22GF is commonly found in: 1. **RF Matching Networks:** Impedance matching for antennas. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters in wireless devices. 3. **VCOs:** Voltage Controlled Oscillators. 4. **Mobile Communications:** Smartphones, Wi-Fi modules, and Bluetooth transceivers. --- ### 5. Equivalent Comparison If you are looking for alternatives, consider these series from other manufacturers: | Manufacturer | Equivalent Series | | :--- | :--- | | **Coilcraft** | 0603CS Series | | **Murata** | LQW18A Series | | **TDK** | MHQ1608P Series |
    ✨ Follow-up Questions
    • ⤷ What is the significance of the high Q factor in RF inductors?
    • ⤷ How does the ceramic core differ from a ferrite core in this component?
    • ⤷ Can this inductor be used in high-power power supply filtering?