データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCI0603S-R26GF

  • AI
    The **SCI0603S-R26GF** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It belongs to the **SCI0603S series**, which is widely used in RF (Radio Frequency) circuits due to its high precision and high Quality (Q) factor. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 260 nH | Defined by the code "R26" | | **Tolerance** | ±2% | Defined by the "G" (F is ±1%, G is ±2%, J is ±5%) | | **Case Size** | 0603 (EIA) | 1.6mm x 0.8mm footprint | | **Material** | Ceramic Core | Wire-wound on a ceramic substrate | | **SRF (Min)** | ~850 MHz | Self-Resonant Frequency | | **DC Resistance** | ~1.40 Ω (Max) | Resistance of the copper winding | | **Rated Current** | ~170 - 200 mA | Maximum continuous current | --- ### 2. Physical Construction This component is a **Wire-Wound Inductor**. Unlike multilayer inductors, it consists of a copper wire coiled around a ceramic body. * **Ceramic Core:** Provides excellent thermal stability and a very high SRF. * **Termination:** Usually gold-plated or tin-plated for high-quality soldering. * **Epoxy Coating:** Often features a top coating to protect the wire and allow for automated vacuum pick-and-place assembly. --- ### 3. Core Features and Advantages * **High Q Factor:** Because it is wire-wound, it has much lower losses at high frequencies compared to multilayer chips. * **Tight Tolerance:** The "G" rating (±2%) allows for very precise tuning in RF filters. * **High Resonance:** The ceramic core ensures the component behaves like an inductor even at very high frequencies (near 1 GHz). --- ### 4. Typical Applications The SCI0603S-R26GF is primarily found in communication and signal-processing hardware: 1. **RF Matching Networks:** Used to match impedance between antennas and Power Amplifiers (PA). 2. **Filter Circuits:** High-pass, low-pass, and band-pass filters for cellular or Wi-Fi signals. 3. **VCOs:** Voltage Controlled Oscillators for frequency stabilization. 4. **Bluetooth/WLAN Modules:** Found in compact wireless communication modules. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I replace a ±2% tolerance inductor with a ±5% version?