データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCI0805S-R30F

  • AI
    The **SCI0805S-R30F** is a specific electronic component belonging to the Surface Mount Technology (SMT) wire-wound chip inductor family. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Part Segment | Meaning | Details | | :--- | :--- | :--- | | **SCI** | Series Code | Standard Chip Inductor (Wire-wound) | | **0805** | Case Size | Imperial dimensions (0.08 x 0.05 inches) | | **S** | Type/Material | Standard / Ceramic core | | **R30** | Inductance Value | R denotes decimal; 0.30 µH (or 300 nH) | | **F** | Tolerance | ±1% (High precision) | --- ### 2. Technical Specifications This component is generally used in high-frequency applications where stability and precision are required. * **Inductance:** 300 nH (0.3 µH) * **Tolerance:** ±1% * **Case Size:** 0805 (Metric 2012) * **Construction:** Wire-wound on a ceramic core. * **Operating Temperature:** Typically -40°C to +125°C. ### 3. Key Characteristics * **High Q Factor:** Wire-wound inductors offer significantly higher Quality (Q) factors compared to multilayer inductors, making them ideal for RF tuning. * **Self-Resonant Frequency (SRF):** Due to the ceramic core, these parts maintain a high SRF, ensuring they behave as inductors at higher frequencies. * **Tight Tolerance:** The "F" suffix (1%) indicates this is a high-precision part, often used in filter circuits where exact frequency response is critical. --- ### 4. Common Applications These parts are prevalent in communication devices and RF circuitry: 1. **Impedance Matching:** Used in the RF front-end of mobile phones or Wi-Fi modules. 2. **Filter Circuits:** Low-pass, high-pass, or band-pass filters for signal integrity. 3. **Oscillators:** Serving as the inductive element in LC resonance circuits. --- ### 5. Footprint Information The 0805 package requires specific PCB pad dimensions for reliable soldering: ```markdown Dimensions (Approximate): - Length: 2.0 mm - Width: 1.2 mm - Height: 1.2 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ Can this part be used in power supply decoupling
    • ⤷ or is it strictly for signal processing?